| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PPC440EP-3PBFFFCX bảng dữ liệu(PDF) 68 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC440EP-3PBFFFCX bảng dữ liệu(HTML) 68 Page - Applied Micro Circuits Corporation |
|
68 / 84 page ![]() 68 AMCC Proprietary 440EP – PPC440EP Embedded Processor Revision 1.26 – April 25, 2007 Data Sheet Ethernet SMII Interface EMC0RxD 1.5 1 n/a n/a 5.1 6.8 EMCRefClk 1 EMC0TxD n/a n/a 3.5 0 5.1 6.8 EMCRefClk 1 EMC1RxD 1.5 1 n/a n/a 5.1 6.8 EMCRefClk 1 EMC1TxD n/a n/a 3.5 0 5.1 6.8 EMCRefClk 1 EMCRefClk n/a n/a n/a n/a 5.1 6.8 1, async Internal Peripheral Interface IIC0SClk n/a n/a 5 0 15.3 10.2 IIC0SData n/a n/a 5 0 15.3 10.2 IIC1SClk 15.3 10.2 IIC1SData 15.3 10.2 SCPClkOut 7 2 6 0 15.3 10.2 SCPDI 7 2 n/a n/a 15.3 10.2 SCPDO n/a n/a 6 0 15.3 10.2 UARTSerClk n/a n/a n/a n/a n/a n/a UARTn_Rx n/a n/a n/a n/a n/a n/a UARTn_Tx n/a n/a n/a n/a 10.3 7.1 UARTn_DCD n/a n/a n/a n/a n/a n/a UARTn_DSR n/a n/a n/a n/a n/a n/a UARTn_CTS n/a n/a n/a n/a na na UARTn_DTR n/a n/a n/a n/a 10.3 7.1 UARTn_RI n/a n/a n/a n/a n/a n/a UARTn_RTS n/a n/a n/a n/a 10.3 7.1 USB1Clk n/a n/a n/a n/a n/a n/a USB1DevXcvr n/a n/a 3 0 USB 1.1 USB 1.1 USB1DevXcvr n/a n/a 3 0 USB 1.1 USB 1.1 USB1HostXcvr n/a n/a 3 0 USB 1.1 USB 1.1 USB1HostXcvr n/a n/a 3 0 USB 1.1 USB 1.1 USB2Clk n/a n/a n/a n/a n/a n/a USB2DI0:7 7 0.05 n/a n/a n/a n/a USB2DO0:7 n/a n/a 3 0 5.1 6.8 USB2LS0:1 5.2 0.02 n/a n/a n/a n/a USB2OM0:1 n/a n/a 3 0 7.1 9.6 USB2RxAct 7 0.05 n/a n/a n/a n/a USB2RxDV n/a n/a 3 0 7.1 9.6 USB2RxErr n/a n/a 3 0 7.1 9.6 USB2Susp n/a n/a 3 0 7.1 9.6 USB2TermSel n/a n/a 3 0 7.1 9.6 USB2TxRdy 6 0.1 n/a n/a n/a n/a USB2TxVal n/a n/a 3 0 7.1 9.6 USB2XcvrSel n/a n/a 3 0 7.1 9.6 Interrupts Interface IRQ0:9 n/a n/a n/a n/a n/a n/a Table 16. I/O Specifications—All Speeds (Sheet 2 of 3) Notes: 1. Ethernet interface meets timing requirements as defined by IEEE 802.3 standard. Signal Input (ns) Output (ns) Output Current (mA) Clock Notes Setup Time (TIS min) Hold Time (TIH min) Valid Delay (TOV max) Hold Time (TOH min) I/O H (minimum) I/O L (minimum) |