| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PPC405GPR-3JB266Z bảng dữ liệu(PDF) 35 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC405GPR-3JB266Z bảng dữ liệu(HTML) 35 Page - Applied Micro Circuits Corporation |
|
35 / 57 page ![]() 405GPr – Power PC 405GPr Embedded Processor AMCC 35 Revision 2.04 – September 7, 2007 Data Sheet UART1_Tx UART1 Serial Data Out. O 5V tolerant 3.3V LVTTL 6 UART1_DSR/ UART1_CTS UART1 Data Set Ready or UART1 Clear To Send. To access this function, software must toggle a DCR bit. I 5V tolerant 3.3V LVTTL 1 UART1_RTS/ UART1_DTR UART1 Request To Send or UART1 Data Terminal Ready. To access this function, software must toggle a DCR bit. O 5V tolerant 3.3V LVTTL 6 IICSCL IIC Serial Clock. I/O 5V tolerant 3.3V LVTTL 1, 2 IICSDA IIC Serial Data. I/O 5V tolerant 3.3V LVTTL 1, 2 Interrupts Interface IRQ0:6[GPIO17:23] Interrupt requests or General Purpose I/O. To access this function, software must toggle a DCR bit. I[I/O] 5V tolerant 3.3V LVTTL 1 JTAG Interface TDI Test data in. I 5V tolerant 3.3V LVTTL 1, 4 TMS JTAG test mode select. I 5V tolerant 3.3V LVTTL 1, 4 TDO Test data out. O 5V tolerant 3.3V LVTTL TCK JTAG test clock. The frequency of this input can range from DC to 25MHz. I 5V tolerant 3.3V LVTTL 1, 4 TRST JTAG reset. TRST must be low at power-on to initialize the JTAG controller and for normal operation of the PPC405GPr. I 5V tolerant 3.3V LVTTL 5 System Interface SysClk Main system clock input. I 5V tolerant 3.3V LVTTL SysReset Main system reset. External logic can drive this bidirectional pin low (minimum of 16 cycles) to initiate a system reset. A system reset can also be initiated by software. Implemented as an open-drain output (two states; 0 or open circuit). I/O 5V tolerant 3.3V LVTTL 1, 2 AVDD Clean voltage input for the PLL. I AGND Clean Ground input for the PLL. I SysErr Set to 1 when a Machine Check is generated. O 5V tolerant 3.3V LVTTL Halt Halt from external debugger. I 5V tolerant 3.3V LVTTL 1, 2 Signal Functional Description (Sheet 6 of 8) Multiplexed signals are shown in brackets following the first signal name assigned to each multiplexed ball. Notes: 1. Receiver input has hysteresis. 2. Must pull up. See “Pull-Up and Pull-Down Resistors” on page 29 for recommended termination values. 3. Must pull down. See “Pull-Up and Pull-Down Resistors” on page 29 for recommended termination values. 4. If not used, must pull up. 5. If not used, must pull down. 6. Strapping input during reset; pull up or pull down as required. 7. Pull-up may be required. See “External Bus Control Signals” on page 29. Signal Name Description I/O Type Notes |