| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
440EP bảng dữ liệu(PDF) 73 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
440EP bảng dữ liệu(HTML) 73 Page - Applied Micro Circuits Corporation |
|
73 / 84 page ![]() AMCC Proprietary 73 440EP – PPC440EP Embedded Processor Data Sheet Revision 1.26 – April 25, 2007 DDR SDRAM Write Operation The following diagram illustrates the relationship among the signals involved with a DDR write operation. Figure 8. DDR SDRAM Write Cycle Timing DQS MemData PLB Clk MemClkOut0 MemClkOut0(90) Addr/Cmd TSK TSA THA TDS TDS TSD THD TSD THD TSA = Setup time for address and command signals to MemClkOut0(90) TSK = Delay from rising edge of MemClkOut0(0) to rising/falling edge of signal (skew) THA = Hold time for address and command signals from MemClkOut0(90) TDS = Delay from rising/falling edge of clock to the rising/falling edge of DQS TSD = Setup time for data signals (minimum time data is valid before rising/falling edge of DSQ) THD = Hold time for data signals (minimum time data is valid after rising/falling edge of DSQ) |