công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PPC405GP-3BE133C bảng dữ liệu(PDF) 40 Page - Applied Micro Circuits Corporation

tên linh kiện PPC405GP-3BE133C
Giải thích chi tiết về linh kiện  Power PC 405GP Embedded Processor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMCC [Applied Micro Circuits Corporation]
Trang chủ  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405GP-3BE133C bảng dữ liệu(HTML) 40 Page - Applied Micro Circuits Corporation

Back Button PPC405GP-3BE133C Datasheet HTML 36Page - Applied Micro Circuits Corporation PPC405GP-3BE133C Datasheet HTML 37Page - Applied Micro Circuits Corporation PPC405GP-3BE133C Datasheet HTML 38Page - Applied Micro Circuits Corporation PPC405GP-3BE133C Datasheet HTML 39Page - Applied Micro Circuits Corporation PPC405GP-3BE133C Datasheet HTML 40Page - Applied Micro Circuits Corporation PPC405GP-3BE133C Datasheet HTML 41Page - Applied Micro Circuits Corporation PPC405GP-3BE133C Datasheet HTML 42Page - Applied Micro Circuits Corporation PPC405GP-3BE133C Datasheet HTML 43Page - Applied Micro Circuits Corporation PPC405GP-3BE133C Datasheet HTML 44Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 59 page
background image
405GP – Power PC 405GP Embedded Processor
40
AMCC
Revision 2.03 – September 7, 2007
Data Sheet
UART1_Tx
UART1 Serial Data Out.
O
5V tolerant
3.3V LVTTL
6
UART1_DSR/
UART1_CTS
UART1 Data Set Ready
or
UART1 Clear To Send. To access this function, software must toggle
a DCR bit.
I
5V tolerant
3.3V LVTTL
1
UART1_RTS/
UART1_DTR
UART1 Request To Send
or
UART1 Data Terminal Ready. To access this function, software must
toggle a DCR bit.
O
5V tolerant
3.3V LVTTL
6
IICSCL
IIC Serial Clock.
I/O
5V tolerant
3.3V LVTTL
1, 2
IICSDA
IIC Serial Data.
I/O
5V tolerant
3.3V LVTTL
1, 2
Interrupts Interface
IRQ0:6[GPIO17:23]
Interrupt requests
or
General Purpose I/O. To access this function, software must toggle a
DCR bit.
I[I/O]
5V tolerant
3.3V LVTTL
1
JTAG Interface
TDI
Test data in.
I
5V tolerant
3.3V LVTTL
1, 4
TMS
JTAG test mode select.
I
5V tolerant
3.3V LVTTL
1, 4
TDO
Test data out.
O
5V tolerant
3.3V LVTTL
TCK
JTAG test clock. The frequency of this input can range from DC to
25MHz.
I
5V tolerant
3.3V LVTTL
1, 4
TRST
JTAG reset. TRST must be low at power-on to initialize the JTAG
controller and for normal operation of the PPC405GP.
I
5V tolerant
3.3V LVTTL
5
System Interface
SysClk
Main system clock input.
I
5V tolerant
3.3V LVTTL
SysReset
Main system reset. External logic can drive this bidirectional pin low
(minimum of 16 cycles) to initiate a system reset. A system reset can
also be initiated by software. Implemented as an open-drain output
(two states; 0 or open circuit).
I/O
5V tolerant
3.3V LVTTL
1, 2
AVDD
Clean voltage input for the PLL.
I
SysErr
Set to 1 when a Machine Check is generated.
O
5V tolerant
3.3V LVTTL
Halt
Halt from external debugger.
I
5V tolerant
3.3V LVTTL
1, 2
Signal Functional Description (Part 6 of 8)
Multiplexed signals are shown in brackets following the first signal name assigned to each multiplexed ball.
Notes:
1. Receiver input has hysteresis.
2. Must pull up. See “Pull-Up and Pull-Down Resistors” on page 34 for recommended termination values.
3. Must pull down. See “Pull-Up and Pull-Down Resistors” on page 34 for recommended termination values.
4. If not used, must pull up.
5. If not used, must pull down.
6. Strapping input during reset; pull up or pull down as required.
7. Pull-up may be required. See “External Bus Control Signals” on page 34.
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com