| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PPC440SP-RNC667C bảng dữ liệu(PDF) 15 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC440SP-RNC667C bảng dữ liệu(HTML) 15 Page - Applied Micro Circuits Corporation |
|
15 / 85 page ![]() PowerPC 440SP Embedded Processor Revision 1.23 - Sept 26, 2006 AMCC Proprietary 15 Data Sheet Universal Interrupt Controller (UIC) Two cascaded Universal Interrupt Controllers (UIC) process internal on-chip and external processor interrupts. Note: Processor specific interrupts (for example, page faults) do not use UIC resources. Features include: • 6 external interrupts • 56 internal interrupts • Edge-triggered or level-sensitive • Positive- or negative-active • Non-critical or critical interrupt to the on-chip processor core • Programmable interrupt priority ordering • Programmable critical interrupt vector for faster vector processing JTAG Features include: • IEEE 1149.1 Test Access Port • IBM RISCWatch Debugger support • JTAG Boundary Scan Description Language (BSDL) |