công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PPC440SPE-RGB667C bảng dữ liệu(PDF) 42 Page - Applied Micro Circuits Corporation

tên linh kiện PPC440SPE-RGB667C
Giải thích chi tiết về linh kiện  PowerPC 440SPe Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMCC [Applied Micro Circuits Corporation]
Trang chủ  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SPE-RGB667C bảng dữ liệu(HTML) 42 Page - Applied Micro Circuits Corporation

Back Button PPC440SPE-RGB667C Datasheet HTML 38Page - Applied Micro Circuits Corporation PPC440SPE-RGB667C Datasheet HTML 39Page - Applied Micro Circuits Corporation PPC440SPE-RGB667C Datasheet HTML 40Page - Applied Micro Circuits Corporation PPC440SPE-RGB667C Datasheet HTML 41Page - Applied Micro Circuits Corporation PPC440SPE-RGB667C Datasheet HTML 42Page - Applied Micro Circuits Corporation PPC440SPE-RGB667C Datasheet HTML 43Page - Applied Micro Circuits Corporation PPC440SPE-RGB667C Datasheet HTML 44Page - Applied Micro Circuits Corporation PPC440SPE-RGB667C Datasheet HTML 45Page - Applied Micro Circuits Corporation PPC440SPE-RGB667C Datasheet HTML 46Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 80 page
background image
PowerPC 440SPe Embedded Processor
42
AMCC Proprietary
Revision 1.23 - Sept 21, 2006
Preliminary Data Sheet
Signal List—Ball Assignment Order
In the following table, only the primary (default) signal name is shown for each pin.
Multiplexed pins are marked with an asterisk (*). To determine the other signals that share a pin, look up the
primary signal name in Table 3 on page 17.
Table 4. Signals Listed by Ball Assignment (Sheet 1 of 7)
Ball
Signal name
Ball
Signal name
Ball
Signal name
Ball
Signal name
A01
No ball
B01
EMCRxClk
C01
EMCTxEn
D01
GND
A02
IRQ9
*
B02
EMCMDIO
C02
EMCTxClk
D02
EMCTxErr
A03
PerPar1
B03
PerData13
C03
EMCTxD0
D03
EMCCrS
A04
GND
B04
PerBE1
C04
PerData11
D04
VDD
A05
EMCTxD3
B05
PerData02
C05
EMCTxD5
D05
PerData10
A06
PerAddr22
B06
PerPar0
C06
PerData04
D06
PerData15
A07
OVDD
B07
PerAddr18
C07
PerBE0
D07
GND
A08
PerAddr17
B08
UART0_CTS
C08
PerAddr21
D08
PerAddr23
A09
PCIX0M66En
B09
PerAddr15
C09
PerAddr16
D09
UART0_Tx
A10
GND
B10
EMCTxD7
C10
PerAddr14
D10
VDD
A11
SysPartSel
B11
ExtReset
C11
PerCS1
D11
PerAddr13
A12
UART1_Rx
B12
UART1_Tx
C12
UART0_DSR
D12
UART0_Rx
A13
OVDD
B13
SYSPLLV
C13
UART0_DTR
D13
GND
A14
OVDD
B14
SYSPLLG
C14
UART0_RI
D14
GND
A15
PerAddr8
B15
PerAddr2
C15
PerCS0
D15
PerAddr3
A16
PerWE
B16
PerAddr10
C16
SYSCLK
D16
PerBLast
A17
GND
B17
PerAddr26
C17
PerClk
D17
VDD
A18
PCIE1_TX3
B18
PCIE1_TX3
C18
PCIE1_TX2
D18
PCIE1_TX2
A19
PCIE1_RX3
B19
PCIE1_RX3
C19
PCIE1_RX2
D19
PCIE1_RX2
A20
OVDD
B20
PCIE1_TX1
C20
PCIE1_RX1
D20
GND
A21
PCIE1_TX1
B21
PCIE1_RX1
C21
PCIE1_TX0
D21
PCIE1_TX0
A22
PerAddr24
B22
MemData63
C22
GPIO28_IRQ12
D22
MemData54
A23
GND
B23
MemData61
C23
DM7
D23
VDD
A24
MemData59
B24
MemData58
C24
MemData56
D24
MemData55
A25
MemData62
B25
DQS7
C25
DQS7
D25
MemData53
A26
OVDD
B26
MemData60
C26
MemData57
D26
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80