| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
251009SW02DXLL bảng dữ liệu(PDF) 6 Page - Ashcroft, Inc. |
|
|
|||||||||||||||||||||||||||||
251009SW02DXLL bảng dữ liệu(HTML) 6 Page - Ashcroft, Inc. |
|
6 / 6 page ![]() of 6 6 Data Sheet All specifications are subject to change without notice. All sales subject to standard terms and conditions. Ashcroft®, Duralife®, PLUS!™, PowerFlex™, True Zero™, Trust the Shield® are trademarks and Gold ServiceSM is a service mark of Ashcroft Inc. The following non-Ashcroft trademarks are the property of their respective owners: Halocarbon®, Krytox™. For more information, see Ashcroft Brands & Trademarks ©2024 Ashcroft Inc. 1009_25-35_ds_RevJ_08-08-24 ashcroft.com | 1.800.328.8258 | Contact Us 1009 2½˝, 3½˝ Stainless Steel Pressure Gauges DIMENSIONS in [ ] are millimeters For reference only, consult Ashcroft for specific dimensional drawings 21/2 1009 Lower and Back Connect 31/2 1009 Lower and Back Connect 21/2 1009 Back Connect (XUC) 31/2 1009 Back Connect (XUC) 21/2 1009 Back Connect (XFF) 31/2 1009 Back Connect (XFF) 21/2 1009 Lower and Back Connect (XFW) 31/2 1009 Lower and Back Connect (XFW) 21⁄2˝ 1009 Lower and Back Connect (75.0) Ø 3.89 2.59 (98.8) .41 (10.4) .36 (9.1) Ø 3.59 (91.3) 1.25 (31.7) .84 (21.3) 1.16 (29.4) 21⁄2˝ 1009 Back Connect (XUC) Ø 2.75 (69.9) .84 (21.3) 1.16 (29.4) .36 (9.1) 1/16 (2) TO 1/4 (6) PANEL Ø 2.45 (62.3) .89 (22.6) 1.31 (33.3) 1.89 (48) #8-32 STUDS & 3/8 HEX NUT 1.94 (49.2) 1.12 (28.4) 2.88 (73.3) .25 (6.4) 2.53(64) ±.03(1) PANEL CUTOUT Ø 2.75 (69.9) 21⁄2˝ 1009 Back Connect (XFF) Ø 3.13 BOLT CIRCLE (79.5) Ø 2.75 (69.9) Ø .16 (4.1) Ø 3.69 (93.7) .84 (21.3) Ø 2.45 (62.3) 1.16 (29.4) 1.25 (31.7) Ø 2.59 (66) MAX PANEL CUTOUT Ø 2.53 (64) MIN .42 (10.6) 31⁄2˝ 1009 Lower and Back Connect (XFW) 2.95 (75) Ø 4.57 BOLT CIRCLE (116) .44 FLATS (11) Ø 3.89 (98.8) Ø 5.20 (132) Ø .22 (5.6) .80 (20.3) 1.64 (41.6) .84 (21.3) .77 (19.5) 21⁄2˝ 1009 Lower and Back Connect (75.0) Ø 3.89 2.59 (98.8) .41 (10.4) .36 (9.1) Ø 3.59 (91.3) 1.25 (31.7) .84 (21.3) 1.16 (29.4) 31⁄2˝ 1009 Back Connect (XUC) Ø 3.89 (98.8) .84 (21.3) 1/16 (2) TO 1/4 (6) PANEL 1.89 (48) .36 (9.1) 1.31 (33.3) .89 (22.6) 1.16 (29.4) Ø 3.59 (91.3) #8-32 STUDS & 3/8 HEX NUT 2.41 (61.1) 3.66 (93) ±.03(1) PANEL CUTOUT .25 (6.4) 1.04 (26.4) 4.18 (106.3) Ø 3.89 (98.8) 31⁄2˝ 1009 Back Connect (XFF) Ø 4.57 BOLT CIRCLE (116) Ø 3.89 (98.8) Ø 5.20 (132) Ø .22 (5.6) .84 (21.3) Ø 3.78 (96) MIN Ø 3.86 (98) MAX PANEL CUTOUT 1.16 (29.4) 1.25 (31.7) Ø 3.59 (91.3) .64 (16.2) 31⁄2˝ 1009 Lower and Back Connect (XFW) 2.95 (75) Ø 4.57 BOLT CIRCLE (116) .44 FLATS (11) Ø 3.89 (98.8) Ø 5.20 (132) Ø .22 (5.6) .80 (20.3) 1.64 (41.6) .84 (21.3) .77 (19.5) |