| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
251009SW01DXLL bảng dữ liệu(PDF) 5 Page - Ashcroft, Inc. |
|
|
|||||||||||||||||||||||||||||
251009SW01DXLL bảng dữ liệu(HTML) 5 Page - Ashcroft, Inc. |
|
5 / 6 page ![]() of 6 5 Data Sheet All specifications are subject to change without notice. All sales subject to standard terms and conditions. Ashcroft®, Duralife®, PLUS!™, PowerFlex™, True Zero™, Trust the Shield® are trademarks and Gold ServiceSM is a service mark of Ashcroft Inc. The following non-Ashcroft trademarks are the property of their respective owners: Halocarbon®, Krytox™. For more information, see Ashcroft Brands & Trademarks ©2024 Ashcroft Inc. 1009_25-35_ds_RevJ_08-08-24 ashcroft.com | 1.800.328.8258 | Contact Us 1009 2½˝, 3½˝ Stainless Steel Pressure Gauges 21⁄2˝ 1009 Lower and Back Connect [60.6] Ø 2.75 2.39 [69.9] 0.44 FLATS [11] 0.41 [10.4] 0.36 [9.1] Ø 2.45 [62.3] 1.25 [31.7] [21.3] 1.16 [29.4] 0.84 31⁄2˝ 1009 Back Connect (XFF) Ø 4.57 BOLT CIRCLE [116] Ø 3.89 [98.8] Ø 5.20 [132] Ø 0.22 [5.6] 0.84 [21.3] Ø 3.78 [96] MIN Ø 3.86 [98] MAX PANEL CUTOUT 1.16 [29.4] 1.25 [31.7] Ø 3.59 [91.3] 0.64 [16.2] 0.44 [11] FLATS 31⁄2˝ 1009 Lower and Back Connect (XFW) 2.95 [75] Ø 4.57 BOLT CIRCLE [116] 0.44 FLATS [11] Ø 3.89 [98.8] Ø 5.20 [132] Ø 0.22 [5.6] 0.80 [20.3] 1.64 [41.6] 0.84 [21.3] 0.77 [19.5] DIMENSIONS in [ ] are millimeters For reference only, consult Ashcroft for specific dimensional drawings 21/2 1009 Lower and Back Connect 31/2 1009 Lower and Back Connect 21⁄2˝ 1009 Back Connect (XUC) 0.84 [21.3] 1.16 [29.4] 0.36 [9.1] 1 ⁄16 [2] TO 1⁄4 [6] PANEL Ø 2.45 [62.3] 0.89 [22.6] 1.31 [33.3] 1.89 [48] 0.44 [11] FLATS #8-32 STUDS & 3⁄8 HEX NUT 1.94 [49.2] 1.12 [28.4] 2.88 [73.3] 0.25 [6.4] 2.53 [64] ±0.03 [1] PANEL CUTOUT Ø 2.75 [69.9] Ø 2.75 [69.9] 21/2 1009 Back Connect (XUC) 31/2 1009 Back Connect (XUC) 21/2 1009 Back Connect (XFF) 31/2 1009 Back Connect (XFF) 21/2 1009 Lower and Back Connect (XFW) 31/2 1009 Lower and Back Connect (XFW) 21⁄2˝ 1009 Back Connect (XFF) Ø 3.13 BOLT CIRCLE [79.5] Ø 2.75 [69.9] Ø 0.16 [4.1] Ø 3.69 [93.7] 0.84 [21.3] Ø 2.45 [62.3] 1.16 [29.4] 1.25 [31.7] Ø 2.59 [66] MAX PANEL CUTOUT Ø 2.53 [64] MIN 0.42 [10.6] 0.44 [11] FLATS 21⁄2˝ 1009 Lower and Back Connect (XFW) 2.39 [60.6] Ø 3.13 BOLT CIRCLE [79.5] 0.44 FLATS [11] Ø 3.96 [100.6] Ø 0.16 [4.1] Ø 2.75 [69.9] 0.70 [17.7] 1.54 [39.1] 0.84 [21.3] 0.87 [22] 3½˝ 1009 Lower and Back Connect 2.95 [75] 0.44 FLATS [11] Ø 3.89 [98.8] 0.41 [10.4] 0.36 [9.1] 1.25 [31.7] Ø 3.59 [91.3] 0.84 [21.3] 1.16 [29.4] 31⁄2˝ 1009 Back Connect (XUC) 0.84 [21.3] 1 ⁄16 [2] TO ¼ [6] PANEL 1.89 [48] 0.36 [9.1] 1.31 [33.3] 0.89 [22.6] 1.16 [29.4] Ø 3.59 [91.3] 0.44 [11] FLATS #8-32 STUDS & 3⁄8 HEX NUT 2.41 [61.1] 3.66 [93] ±0.03 [1] PANEL CUTOUT 0.25 [6.4] 1.04 [26.4] 4.18 [106.3] Ø 3.89 [98.8] Ø 3.89 [98.8] |