công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PPC405EX-SPAFFFTX bảng dữ liệu(PDF) 30 Page - Applied Micro Circuits Corporation

tên linh kiện PPC405EX-SPAFFFTX
Giải thích chi tiết về linh kiện  PowerPC 405EX Embedded Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMCC [Applied Micro Circuits Corporation]
Trang chủ  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EX-SPAFFFTX bảng dữ liệu(HTML) 30 Page - Applied Micro Circuits Corporation

Back Button PPC405EX-SPAFFFTX Datasheet HTML 26Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 27Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 28Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 29Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 30Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 31Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 32Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 33Page - Applied Micro Circuits Corporation PPC405EX-SPAFFFTX Datasheet HTML 34Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 67 page
background image
PPC405EX – PowerPC 405EX Embedded Processor
30
AMCC Proprietary
Revision 1.09 - August 21, 2007
Preliminary Data Sheet
In the following table, only the default signal name is shown for each ball. Shared balls are marked with an asterisk
(*). To determine what signals or functions are shared on those balls, look up the default signal name in “Signals
Listed Alphabetically” on page 17. The following table lists the signals by ball assignment.
Table 4. Signals Listed by Ball Assignment (Sheet 1 of 7)
Ball
Signal Name
Ball
Signal Name
Ball
Signal Name
Ball
Signal Name
A01
GND
B01
GND
C01
GND
D01
GPIO31 *
A02
Halt
B02
GND
C02
GND
D02
GPIO30 *
A03
GPIO24 *
B03
GPIO27 *
C03
GND
D03
GPIO29 *
A04
PerData31 *
B04
GPIO03 *
C04
GPIO25 *
D04
GND
A05
PerData27 *
B05
GPIO22 *
C05
GPIO23 *
D05
OVDD
A06
PerData29 *
B06
PerData26 *
C06
PerData30 *
D06
TmrClk
A07
PerData24 *
B07
PerData25 *
C07
USB2Clk
D07
OVDD
A08
GND
B08
GPIO13 *
C08
PerData28 *
D08
OVDD
A09
PSROUser
B09
GPIO05 *
C09
GPIO02 *
D09
GND
A10
GPIO14 *
B10
GPIO15 *
C10
SysClk
D10
VDD
A11
SAGND
B11
PerReady
C11
GPIO12 *
D11
GPIO07 *
A12
SAVDD
B12
GPIO01 *
C12
GPIO06 *
D12
EOVDD
A13
GND
B13
PerData15 *
C13
GPIO04 *
D13
OVDD
A14
PerData13 *
B14
PerData12 *
C14
PerData14 *
D14
GND
A15
PerData11 *
B15
PerData09 *
C15
PerData10 *
D15
VDD
A16
GPIO00 *
B16
PerData07 *
C16
PerData06 *
D16
PerData04 *
A17
PerData08 *
B17
PerData05 *
C17
PerData02 *
D17
VDD
A18
PerData03 *
B18
PerData01 *
C18
PerData00 *
D18
GND
A19
GND
B19
ExtReset
C19
PerErr
D19
OVDD
A20
PerClk
B20
GPIO10 *
C20
GPIO08 *
D20
OVDD
A21
GPIO09 *
B21
PerCS0 *
C21
PerWBE1
D21
PerBLast
A22
PerWBE3
B22
PerWBE2
C22
PerAddr31
D22
OVDD
A23
PerWBE0
B23
PerRW
C23
PerAddr30
D23
GND
A24
PerOE
B24
PerAddr29
C24
GND
D24
PerAddr26
A25
PerAddr28
B25
GND
C25
PerAddr25
D25
PerAddr22
A26
GND
B26
PerAddr27
C26
PerAddr21
D26
PerAddr19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67