công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PPC405EP-3LB200C bảng dữ liệu(PDF) 5 Page - Applied Micro Circuits Corporation

tên linh kiện PPC405EP-3LB200C
Giải thích chi tiết về linh kiện  PowerPC 405EP Embedded Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMCC [Applied Micro Circuits Corporation]
Trang chủ  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EP-3LB200C bảng dữ liệu(HTML) 5 Page - Applied Micro Circuits Corporation

  PPC405EP-3LB200C Datasheet HTML 1Page - Applied Micro Circuits Corporation PPC405EP-3LB200C Datasheet HTML 2Page - Applied Micro Circuits Corporation PPC405EP-3LB200C Datasheet HTML 3Page - Applied Micro Circuits Corporation PPC405EP-3LB200C Datasheet HTML 4Page - Applied Micro Circuits Corporation PPC405EP-3LB200C Datasheet HTML 5Page - Applied Micro Circuits Corporation PPC405EP-3LB200C Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC405EP-3LB200C Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC405EP-3LB200C Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC405EP-3LB200C Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
PPC405EP – PowerPC 405EP Embedded Processor
Revision 1.07 – September 10, 2007
AMCC
5
Data Sheet
Figure 1. PPC405EP Embedded Controller Functional Block Diagram
The PPC405EP is designed using the IBM Microelectronics Blue LogicTM methodology in which major functional
blocks are integrated together to create an application-specific ASIC product. This approach provides a consistent
way to create complex ASICs using IBM CoreConnectTM Bus Architecture.
PPC405
Processor Core
DOCM
IOCM
DCU
ICU
OCM
Control
OCM
SRAM
DCR Bus
16KB
On-chip Peripheral Bus (OPB)
GPIO
IIC
GPT
UART
MAL
Ethernet
DMA
Bridge
Processor Local Bus (PLB)
SDRAM
PCI Bridge
External
Bus
Controller
Controller
Clock
Control
Reset
Power
Mgmt
JTAG
Trace
Timers
MMU
MII
Controller
OPB
Interrupt
Controller
Arb
29-bit addr
16-bit data
13-bit addr
32-bit data
Universal
I-Cache
D-Cache
(4-Channel)
66 MHz max (async)
DCRs
16KB
Arb
x2
x2
Event
Counters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50