| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
451377AS02DXLL bảng dữ liệu(PDF) 3 Page - Ashcroft, Inc. |
|
|
|||||||||||||||||||||||||||||
451377AS02DXLL bảng dữ liệu(HTML) 3 Page - Ashcroft, Inc. |
|
3 / 5 page ![]() of 5 3 1377 Duragauge® Pressure Gauge All specifications are subject to change without notice. All sales subject to standard terms and conditions. Ashcroft®, Duragauge®, DuraVis™, Plus!™, Trust the Shield® are trademarks and Gold ServiceSM is a service mark of Ashcroft Inc. The following non-Ashcroft trademarks are the property of their respective owners: Halocarbon®, Inconel®, Monel®, Teflon™. For more information, see Ashcroft Brands & Trademarks ©2023 Ashcroft Inc. 1377_gauge_ds_RevI_02-09-23 ashcroft.com | 1.800.328.8258 | Contact Us Data Sheet TABLE 1 TABLE 1 (Ordering Codes Continued) (Ordering Codes Continued) CODE OPTION AB AB Gauges calibrated to compensate for absolute pressure Gauges calibrated to compensate for absolute pressure DA DA Dial marking (text marking on the dial) Dial marking (text marking on the dial) EP EP Maximum pointer (adjustable, N/A with liquid filled or hermetically Maximum pointer (adjustable, N/A with liquid filled or hermetically sealed cases) sealed cases) HY HY Hydrostatic/pneumatic testing (system pressurized to 150% of rated Hydrostatic/pneumatic testing (system pressurized to 150% of rated system pressure for 5 minutes. Overload stop STD.) system pressure for 5 minutes. Overload stop STD.) NG NG Non-glare glass (N/A with liquid fill or hermetically sealed cases) Non-glare glass (N/A with liquid fill or hermetically sealed cases) OS OS Overload stop Overload stop PD PD Acrylic window (STD. with liquid filled or hermetically sealed cases) Acrylic window (STD. with liquid filled or hermetically sealed cases) SH SH Red set hand, stationary Red set hand, stationary SG SG Safety glass Safety glass TS TS Throttle screw (STD. with liquid filled, hermetically sealed or Throttle screw (STD. with liquid filled, hermetically sealed or PLUS! PLUS!™™ Performance) Performance) VS VS Underload stop Underload stop C4 C4 Traceable calibration certificate Traceable calibration certificate D3 D3 DuraVis™ retroreflective dial (41/2˝ case only) |