| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
992 bảng dữ liệu(PDF) 6 Page - Anderson Power Products, Inc. |
|
|
|||||||||||||||||||||||||||||
992 bảng dữ liệu(HTML) 6 Page - Anderson Power Products, Inc. |
|
6 / 7 page ![]() ID Length Wire Entrance 990 990G1 5905 Self attaching discrete conductor Bolt on discrete conductor Bolt on bundled conductors The given wire O.D. information is an estimate. Cable clamps should be evaluated for performance with the actual wire to be used. SB® Environmental Boots SB® Environmental Boots provide water, dirt, chemical and UV protection for SB® 50 connectors. The durable boots shield the connectors from water and dirt to IP64 in both the mated and unmated condition. Description Part Numbers Minimum Quantity 250 25 SB® 50 Environmental Boot (with cover), Load 3-6054P2-BK 3-6054P2 SB® 50 Environmental Boot (with cover), Source 3-6055P2-BK 3-6055P2 SB® 50 Environmental Boot (no cover), Load 3-6054P1-BK 3-6054P1 SB® 50 Environmental Boot (no cover), Source 3-6055P1-BK 3-6055P1 Guide Housings for Vertical Mini Powerclaw Contacts Prevents polarity being reversed when a SB® 50 is mated to vertical mini Powerclaw contacts. Description Part Numbers Minimum Quantity 1,000 50 Black Guide Housing PC-HSG-SB-BK PC-HSG-SB Cable Clamps Durable metal cable clamps securely hold cables to prevent accidental strain or pulls from dislodging wire or contacts from the housing. Cable clamps are recommended for solder terminated wires. Cable Size AWG or mm² or Description (Inches O.D.) (mm O.D.) Part Numbers Minimum Quantity 500 50 Self Attaching for Discrete Conductor 8 to 6 10 to 16 990-BK 990 Self Attaching for Discrete Conductor 12 to 10 4 to 6 990G2-BK 990G2 Bolt on for Discrete Conductor 12 to 6 4 to 16 990G1-BK 990G1 Bolt on for Bundled Conductor 0.320 to 0.450 4.27 to 11.43 5905-BK 5905 * Torque value 12 (in - lbs) / 1.4 (Nm) NOTE: For assembly of cable clamp to housing only Silver Plated Reducing Bushings Use with contact part number 5900-BK or 1307-BK to allow a smaller wire to be used with the connector. Electrical capability is derated with smaller wire. Dimensions Contact Barrel Size Wire Size - ID - - Length - AWG mm² AWG mm² Part Numbers inches mm inches mm Minimum Quantity 3,000 1,000 100 6 16 8 8.4 - 5912-BK 5912 0.18 4.57 0.45 11.43 6 16 12 to 10 4 to 6 5910-BK - 5910 0.14 3.56 0.47 11.94 6 16 16 to 14 1.5 to 2.5 5913-BK - 5913 0.09 2.29 0.47 11.94 A B C Dimensions - A - - B - - C - in. mm in. mm in. mm 5.9 151.4 1.8 45.1 6.3 160 PCB SB® 50 Connector Mini-vertical Powerclaw Contacts Guide Housing |