công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8805GEDR bảng dữ liệu(PDF) 21 Page - Wolfson Microelectronics plc

tên linh kiện WM8805GEDR
Giải thích chi tiết về linh kiện  8:1 Digital Interface Transceiver with PLL
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8805GEDR bảng dữ liệu(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8805GEDR Datasheet HTML 17Page - Wolfson Microelectronics plc WM8805GEDR Datasheet HTML 18Page - Wolfson Microelectronics plc WM8805GEDR Datasheet HTML 19Page - Wolfson Microelectronics plc WM8805GEDR Datasheet HTML 20Page - Wolfson Microelectronics plc WM8805GEDR Datasheet HTML 21Page - Wolfson Microelectronics plc WM8805GEDR Datasheet HTML 22Page - Wolfson Microelectronics plc WM8805GEDR Datasheet HTML 23Page - Wolfson Microelectronics plc WM8805GEDR Datasheet HTML 24Page - Wolfson Microelectronics plc WM8805GEDR Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
Production Data
WM8805
w
PD Rev 4.1 September 07
21
MASTER CLOCK AND PHASE LOCKED LOOP
SOFTWARE MODE INTERNAL CLOCKING
The WM8805 is equipped with a comprehensive clocking scheme that provides maximum flexibility
and function and many configurable routing possibilities for the user in software mode. An overview
of the software mode clocking scheme is shown in Figure 16.
Figure 16 Software Mode Clocking Scheme Overview
The clocking scheme can be divided into four sections. These are detailed as follows:
OSCILLATOR
The primary function of the oscillator is to generate the oscillator clock (OSCCLK) for the PLL input.
Whenever the PLL or the S/PDIF receiver is enabled, the oscillator must be used to generate the
OSCCLK signal for the PLL.
The secondary function of the oscillator is to generate the OSCCLK so that it can be selected
internally as the clock source for:
•
The MCLK output pin, when the pin is configured as an output.
•
The CLKOUT output pin, when enabled.
The oscillator has one control bit as shown in Table 19. The oscillator must be powered up to
generate the OSCCLK signal.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R30
PWRDN
1Eh
3
OSCPD
1
Oscillator Power Down Control
0 = Power up
1 = Power down
Table 19 Oscillator Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com