| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P2CF-08 bảng dữ liệu(PDF) 21 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
P2CF-08 bảng dữ liệu(HTML) 21 Page - Omron Electronics LLC |
|
21 / 22 page ![]() Solid-state Multi-functional Timer H3CR-A B-129 Precautions (H3CR-A) Note: The undermentioned is common for all H3CR-A models. I Power Supplies For the power supply of an input device of the H3CR-A @/-A@S/-AP, use an isolating transformer with the primary and secondary wind- ings mutually isolated and the secondary winding not grounded. Example: H3CR-A The H3CR-A @/-A@S/AP’s power supply terminal 2 is a common ter- minal for input signals to the Timer. Do not disconnect the wires on terminal 2, otherwise the internal circuitry of the Timer will be dam- aged. Make sure that the voltage is applied within the specified range, oth- erwise the internal elements of the Timer may be damaged. I Input/Output Relationship between Input and Power Supply Circuits (except for H3CR-A8E) The H3CR-A (except for H3CR-A8E) uses transformerless power supply. When connecting a relay or transistor as an external signal input device, pay attention to the following points to prevent short-cir- cuiting due to a sneak current to the transformerless power supply. If a relay or transistor is connected to two or more Timers, the input ter- minals of those Timers must be wired properly so that they will not differ in phase, otherwise the terminals will be short-circuited to one another. It is impossible to provide two independent power switches as shown below regardless of whether or not the Timers are different in phase. S, G, R 5, 6, 7 2 10 2 H3CR-A Power supply Isolation transformer is required. Input device Input terminal 5, 6, 7 G, S, R 10 2 H3CR-A Input terminal Power supply H3CR-A Power supply Incorrect Correct Short-circuit current Contact or transistor for external input signal Input terminal Input terminal Input terminal Input terminal Power supply Input terminal Input terminal |