công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA4AEN...Q1 bảng dữ liệu(PDF) 77 Page - Texas Instruments

tên linh kiện TDA4AEN...Q1
Giải thích chi tiết về linh kiện  TDA4VEN, TDA4AEN Jacinto™ Processors
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TDA4AEN...Q1 bảng dữ liệu(HTML) 77 Page - Texas Instruments

Back Button TDA4AEN...Q1 Datasheet HTML 73Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 74Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 75Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 76Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 77Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 78Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 79Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 80Page - Texas Instruments TDA4AEN...Q1 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 236 page
background image
Table 5-76. UART4 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
UART4_TXD
O
UART Transmit Data
H21, P23, V24, W21
Table 5-77. UART5 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
UART5_CTSn
I
UART Clear to Send (active low)
AA22, L22
UART5_RTSn
O
UART Request to Send (active low)
AA23, L23
UART5_RXD
I
UART Receive Data
D22, J27, K22, V22,
Y26
UART5_TXD
O
UART Transmit Data
C22, H27, J22, V23,
Y27
Table 5-78. UART6 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
UART6_CTSn
I
UART Clear to Send (active low)
AB25, M27
UART6_RTSn
O
UART Request to Send (active low)
AA25, N27
UART6_RXD
I
UART Receive Data
A25, AA24, B24, H26,
L21, W26
UART6_TXD
O
UART Transmit Data
A24, A26, AA27, F27,
M26, N24
5.3.26.2 MCU Domain
Table 5-79. MCU_UART0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
MCU_UART0_CTSn
I
UART Clear to Send (active low)
B5
MCU_UART0_RTSn
O
UART Request to Send (active low)
C5
MCU_UART0_RXD
I
UART Receive Data
B8
MCU_UART0_TXD
O
UART Transmit Data
B4
5.3.26.3 WKUP Domain
Table 5-80. WKUP_UART0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
WKUP_UART0_CTSn
I
UART Clear to Send (active low)
C4
WKUP_UART0_RTSn
O
UART Request to Send (active low)
C3
WKUP_UART0_RXD
I
UART Receive Data
B3
WKUP_UART0_TXD
O
UART Transmit Data
C8
5.3.27 USB
5.3.27.1 MAIN Domain
Table 5-81. USB0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
USB0_DM
IO
USB 2.0 Differential Data (negative)
AB5
USB0_DP
IO
USB 2.0 Differential Data (positive)
AA6
www.ti.com
TDA4VEN-Q1, TDA4AEN-Q1
SPRSP96A – MARCH 2024 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
77
Product Folder Links: TDA4VEN-Q1 TDA4AEN-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com