| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT91SAM7S64 bảng dữ liệu(PDF) 13 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT91SAM7S64 bảng dữ liệu(HTML) 13 Page - ATMEL Corporation |
|
13 / 482 page ![]() 13 AT91SAM7S64 Preliminary 6070A–ATARM–28-Oct-04 Memory • 64 Kbytes of Flash Memory – 512 pages of 128 bytes – Fast access time, 30 MHz single-cycle access in Worst Case conditions – Page programming time: 4 ms, including page auto-erase – Page programming without auto-erase: 2 ms – Full chip erase time: 10 ms – 10,000 write cycles, 10-year data retention capability – 16 lock bits, each protecting 16 sectors of 32 pages – Protection Mode to secure contents of the Flash • 16 Kbytes of Fast SRAM – Single-cycle access at full speed Memory Mapping Internal SRAM The AT91SAM7S64 embeds a high-speed 16-Kbyte SRAM bank. After reset and until the Remap Command is performed, the SRAM is only accessible at address 0x0020 0000. After Remap, the SRAM also becomes available at address 0x0. Internal Flash The AT91SAM7S64 features one bank of 64 Kbytes of Flash. At any time, the Flash is mapped to address 0x0010 0000. It is also accessible at address 0x0 after the reset and before the Remap Command. Figure 4. Internal Memory Mapping 256M Bytes Flash Before Remap SRAM After Remap Undefined Areas (Abort) 0x000F FFFF 0x001F FFFF 0x002F FFFF 0x0FFF FFFF 1 M Bytes 1 M Bytes 1 M Bytes 253 M Bytes Internal Flash Internal SRAM 0x0000 0000 0x0010 0000 0x0020 0000 0x0030 0000 |