công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AP33771C bảng dữ liệu(PDF) 3 Page - Diodes Incorporated

tên linh kiện AP33771C
Giải thích chi tiết về linh kiện  EVB User Guide
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP33771C bảng dữ liệu(HTML) 3 Page - Diodes Incorporated

  AP33771C Datasheet HTML 1Page - Diodes Incorporated AP33771C Datasheet HTML 2Page - Diodes Incorporated AP33771C Datasheet HTML 3Page - Diodes Incorporated AP33771C Datasheet HTML 4Page - Diodes Incorporated AP33771C Datasheet HTML 5Page - Diodes Incorporated AP33771C Datasheet HTML 6Page - Diodes Incorporated AP33771C Datasheet HTML 7Page - Diodes Incorporated AP33771C Datasheet HTML 8Page - Diodes Incorporated AP33771C Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AP33771C
EVB User Guide
AP33771C EVB User Guide
Rev. 1.0
3 of 12
www.diodes.com
July 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
Chapter 2.
AP33771C Sink Controller
2.1 Package Pinout
Figure 2
– Package Pinout
2.2 Pin Descriptions
Pin No.
Pin Name
Type (Notes)
Pin Function
1
VOUT
AHV
Terminal for VOUT monitoring.
2
PWR_EN
AHV
To control external VOUT. Connected to external NMOS switch, ON (High) or OFF (Low).
3
VCC
AHV
The power supply of the AP33771C. A 1µF cap is required to connect this pin to GND pin.
4
ISENP
AHV
Current sense positive node.
5
GND
GND
Ground
6
FLIP
DO
Flip indicator of Type-C plug. Is low if CC is connected to CC1 and high if connected to
CC2.
7
LED
DO
LED indicator of the system status
8
VSEL
AI
Voltage selection pin, connect resistance to ground to set Voltage.
9
ISEL
AI
Current selection pin, connect resistance to ground to set Current.
10
CC2
AIO
Type-C configuration channel 2
11
CC1
AIO
Type-C configuration channel 1
12
DN
AIO
USB 2.0 data negative node
13
DP
AIO
USB 2.0 data positive node
14
V5V
AP
5V LDO output if VCC is on. A 1µF cap is required to connect this pin to GND.
-
EPAD
GND
Exposed pad is suggested to connect to Ground
Table 1
– Pin Descriptions of the AP33771C PD Sink Controller
Notes:
AHV
– Analog High-Voltage pin
AP
– Power for Analog Circuit and Analog Input/Output pins, 5.0V operation
AI
– Analog Input pin
AIO
– Analog Input/Output pin; DP/DN & CC1/CC2 are 3.3V operation
DO
– Digital Output pin; all are 5.0V operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com