công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STO-1209305-R-E1 bảng dữ liệu(PDF) 1 Page - Eravant

tên linh kiện STO-1209305-R-E1
Giải thích chi tiết về linh kiện  E-Band VNA Frequency Extender, Receive (Rx) Module, 5 to 7.5 GHz Input
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ERAVANT [Eravant]
Trang chủ  https://www.eravant.com/
Logo ERAVANT - Eravant

STO-1209305-R-E1 bảng dữ liệu(HTML) 1 Page - Eravant

  STO-1209305-R-E1 Datasheet HTML 1Page - Eravant STO-1209305-R-E1 Datasheet HTML 2Page - Eravant STO-1209305-R-E1 Datasheet HTML 3Page - Eravant STO-1209305-R-E1 Datasheet HTML 4Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
STO-1209305-R-E1
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2024 by Eravant
1/4
Advanced Rev 1.4
E-Band VNA Frequency Extender, Receive (Rx) Module,
5 to 7.5 GHz Input
STO-1209305-R-E1 is a compact E-Band vector network analyzer (VNA)
frequency extender receive (Rx) module that extends lower frequency
VNA signals to 60 to 90 GHz. It is compatible with modern vector
network analyzers such as Rohde & Schwarz ZNA, Anritsu VectorStar
™,
Keysight PNA-X Series, and Copper Mountain CobaltFx. The VNA needs
dual sources to be extended. This frequency extender can be used to
measure one-path transmission (S21 or S12) through DUT when paired
with compatible transmitter. When Rx module is paired with Tx/Rx
module, the setup can be used to measure reflection at input of DUT and
transmission through DUT. An AC to DC Power adapter and Proxi-
Flange
™ Contactless Flanges (STQ-WG-12010-FB-CF and STQ-
WG-12025-FB-CF), are included. The Eravant calibration kit (STQ-TO-
12-S1-CKIT1) and Wave-Glide
™ Rail System (STQ-TL-RW-S10-M1)
are highly recommended to complete the E-Band VNA test set. VNA
extender is packaged individually in a rugged equipment box with
additional hardware and tools.
Electrical Specifications:
*Max input power is specified when attenuation level is minimum. Increasing
attenuation level will increase power handling.
**Measured with compatible Tx/Ref or Tx/Rx module.
Parameter
Minimum
Typical
Maximum
Frequency Range
60 GHz
90 GHz
Input Attenuation Control Range
30 dB
Test Port Input Power (Damage)*
+5 dBm
Dynamic Range** @ 10 Hz BW
100 dB
120 dB
Test Port Match
20 dB
LO Source Input Frequency (RF±IF)
5 GHz
7.5 GHz
LO Source Input Power
-3 dBm
0 dBm
+3 dBm
IF Frequency Range
10 MHz
1000 MHz
Multiplication Factor
12
Specification Temperature
+20°C
+30°C
Operating Temperature
-0°C
+50°C
ECCN
EAR99
FEATURES
•
Full Band Coverage
•
Dynamic Range of 1000 dB
•
AC Power Input: 100 to 240 VAC
APPLICATIONS
•
VNA Frequency Extension
•
OTA Measurements
•
Test Lab System
RECOMMENDED PAIRINGS
•
Cal Kit: STQ-TO-12-S1-CKIT1
•
Waveguide Quick Connects
•
Cable: SCW-SMSM040-F1-A-PM
RECOMMENDED RESOURCES
•
Contactless WG Flange & mmW-
THz Test Setup
•
VNA Extender Configuration Guide
•
VNA Extenders & Cal Kits


Số phần tương tự - STO-1209305-R-E1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Eravant
STO-1209305-T-E1 ERAVANT-STO-1209305-T-E1 Datasheet
460Kb / 5P
E-Band VNA Frequency Extender, Transmit (Tx/Ref) Module, 5 to 7.5 GHz Input
Rev 1.4
More results

Mô tả tương tự - STO-1209305-R-E1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
WALSIN TECHNOLOGY CORPO...
RFBLN2012090K1T WALSIN-RFBLN2012090K1T Datasheet
482Kb / 7P
5 GHz ISM Band Working Frequency
RFBPF1608060K2T WALSIN-RFBPF1608060K2T Datasheet
522Kb / 7P
5 GHz ISM Band Working Frequency
RFDIP160806ALM2T66 WALSIN-RFDIP160806ALM2T66 Datasheet
735Kb / 7P
2.4 GHz & 5 GHz ISM Band Working Frequency
RFDIP1608060LNT WALSIN-RFDIP1608060LNT Datasheet
553Kb / 7P
2.4 GHz & 5 GHz ISM Band Working Frequency
RFDIP1608060LVT WALSIN-RFDIP1608060LVT Datasheet
570Kb / 7P
2.4 GHz & 5 GHz ISM Band Working Frequency
RFDIP1608060LWT WALSIN-RFDIP1608060LWT Datasheet
597Kb / 7P
2.4 GHz & 5 GHz ISM Band Working Frequency
RFDIP2012050L87B1U WALSIN-RFDIP2012050L87B1U Datasheet
539Kb / 7P
2.4 GHz & 5 GHz ISM Band Working Frequency
RFDIP2012080LN7N2T WALSIN-RFDIP2012080LN7N2T Datasheet
600Kb / 7P
2.4 GHz & 5 GHz Band Working Frequency
RFHPF0605040K0T WALSIN-RFHPF0605040K0T Datasheet
563Kb / 7P
5 GHz GSM Band Working Frequency
RFLPF2012090K07B1U WALSIN-RFLPF2012090K07B1U Datasheet
221Kb / 7P
5 GHz ISM Band Working Frequency
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com