| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADNS-3530 bảng dữ liệu(PDF) 21 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
ADNS-3530 bảng dữ liệu(HTML) 21 Page - AVAGO TECHNOLOGIES LIMITED |
|
21 / 27 page ![]() 21 Figure 19. Surface image pixel address map CRC0 Address: 0x0c Access: Read Reset Value: Undefined Bit 7 6 5 4 3 2 1 0 Field CRC07 CRC06 CRC05 CRC04 CRC03 CRC02 CRC01 CRC00 Data Type: Eight-bit number USAGE: Register 0x0c reports the first byte of the system self test results. Value = 0xAF. See Self Test regis- ter 0x10. CRC1 Address: 0x0d Access: Read Reset Value: Undefined Bit 7 6 5 4 3 2 1 0 Field CRC17 CRC16 CRC15 CRC14 CRC13 CRC12 CRC11 CRC10 Data Type: Eight bit number USAGE: Register 0x0c reports the second byte of the system self test results. Value = 0x4E. See Self Test register 0x10. (Pixel Array Map Looking Through the ADNS-3150-001 Lens) 462 461 439 417 395 373 351 329 307 285 263 241 219 197 175 153 131 109 87 65 43 21 463 460 438 416 394 372 350 328 306 284 262 240 218 196 174 152 130 108 86 64 42 20 464 459 437 415 393 371 349 327 305 283 261 239 217 195 173 151 129 107 85 63 41 19 465 458 436 414 392 370 348 326 304 282 260 238 216 194 172 150 128 106 84 62 40 18 466 457 435 413 391 369 347 325 303 281 259 237 215 193 171 149 127 105 83 61 39 17 467 456 434 412 390 368 346 324 302 280 258 236 214 192 170 148 126 104 82 60 38 16 468 455 433 411 389 367 345 323 301 279 257 235 213 191 169 147 125 103 81 59 37 15 469 454 432 410 388 366 344 322 300 278 256 234 212 190 168 146 124 102 80 58 36 14 470 453 431 409 387 365 343 321 299 277 255 233 211 189 167 145 123 101 79 57 35 13 471 452 430 408 386 364 342 320 298 276 254 232 210 188 166 144 122 100 78 56 34 12 472 451 429 407 385 363 341 319 297 275 253 231 209 187 165 143 121 99 77 55 33 11 473 450 428 406 384 362 340 318 296 274 252 230 208 186 164 142 120 98 76 54 32 10 474 449 427 405 383 361 339 317 295 273 251 229 207 185 163 141 119 97 75 53 31 9 475 448 426 404 382 360 338 316 294 272 250 228 206 184 162 140 118 96 74 52 30 8 476 447 425 403 381 359 337 315 293 271 249 227 205 183 161 139 117 95 73 51 29 7 477 446 424 402 380 358 336 314 292 270 248 226 204 182 160 138 116 94 72 50 28 6 478 445 423 401 379 357 335 313 291 269 247 225 203 181 159 137 115 93 71 49 27 5 479 444 422 400 378 356 334 312 290 268 246 224 202 180 158 136 114 92 70 48 26 4 480 443 421 399 377 355 333 311 289 267 245 223 201 179 157 135 113 91 69 47 25 3 481 442 420 398 376 354 332 310 288 266 244 222 200 178 156 134 112 90 68 46 24 2 482 441 419 397 375 353 331 309 287 265 243 221 199 177 155 133 111 89 67 45 23 1 483 440 418 396 374 352 330 308 286 264 242 220 198 176 154 132 110 88 66 44 22 0 BOTTOM VIEW OF MOUSE HOLE AT MOUSE BOTTOM COVER FOR LENS TOP VIEW OF MOUSE LB RB POSITIVE X |