| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MAS9188 bảng dữ liệu(PDF) 10 Page - Micro Analog systems |
|
|
|||||||||||||||||||||||||||||
MAS9188 bảng dữ liệu(HTML) 10 Page - Micro Analog systems |
|
10 / 10 page ![]() DA9188.002 23 February 2005 10 (10) ORDERING INFORMATION Product Code Product Package Comments MAS9188AUA1 12 x 8-bit D to A Converter TSSOP-20 0 V Reference Level MAS9188AUA2 12 x 8-bit D to A Converter TSSOP-20 Adjustable Reference Level MAS9188A1UC06 12 x 8-bit D to A Converter TSSOP-20 Pb free, RoHS compliant 0 V Reference Level MAS9188A2UC06 12 x 8-bit D to A Converter TSSOP-20 Pb free, RoHS compliant Adjustable Reference Level LOCAL DISTRIBUTOR MICRO ANALOG SYSTEMS OY CONTACTS Micro Analog Systems Oy Kamreerintie 2, P.O.Box 51 FIN-02771 Espoo, FINLAND Tel. +358 9 80 521 Fax +358 9 805 3213 http://www.mas-oy.com NOTICE Micro Analog Systems Oy reserves the right to make changes to the products contained in this data sheet in order to improve the design or performance and to supply the best possible products. Micro Analog Systems Oy assumes no responsibility for the use of any circuits shown in this data sheet, conveys no license under any patent or other rights unless otherwise specified in this data sheet, and makes no claim that the circuits are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and Micro Analog Systems Oy makes no claim or warranty that such applications will be suitable for the use specified without further testing or modification. |