| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MAX3241ECWI bảng dữ liệu(PDF) 3 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX3241ECWI bảng dữ liệu(HTML) 3 Page - Maxim Integrated Products |
|
3 / 26 page ![]() ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers _______________________________________________________________________________________ 3 ELECTRICAL CHARACTERISTICS (continued) (VCC = +3V to +5.5V, C1–C4 = 0.1µF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Notes 3, 4) PARAMETER CONDITIONS MIN TYP MAX UNITS Output-Voltage High IOUT = -1.0mA VCC - 0.6 VCC - 0.1 V RECEIVER INPUTS Input Voltage Range -25 +25 V VCC = +3.3V 0.6 1.1 Input Threshold Low TA = +25°C VCC = +5.0V 0.8 1.5 V VCC = +3.3V 1.5 2.4 Input Threshold High TA = +25°C VCC = +5.0V 2.0 2.4 V Input Hysteresis 0.5 V Input Resistance TA = +25°C 3 5 7 k Ω TRANSMITTER OUTPUTS Output Voltage Swing All transmitter outputs loaded with 3k Ω to ground (Note 6) ±5 ±5.4 V Output Resistance VCC = 0, transmitter output = ±2V 300 50k Ω Output Short-Circuit Current ±60 mA Output Leakage Current VCC = 0 or +3.0V to +5.5V, VOUT = ±12V, transmitters disabled (MAX3222E/MAX3232E/MAX3241E/MAX3246E) ±25 µA MOUSE DRIVABILITY (MAX3241E) Transmitter Output Voltage T1IN = T2IN = GND, T3IN = VCC, T3OUT loaded with 3k Ω to GND, T1OUT and T2OUT loaded with 2.5mA each ±5 V ESD PROTECTION Human Body Model ±15 IEC 1000-4-2 Air-Gap Discharge (except MAX3237E) ±15 IEC 1000-4-2 Contact Discharge (except MAX3237E) ±8 R_IN, T_OUT IEC 1000-4-2 Contact Discharge (MAX3246E only) ±9 kV Human Body Model ±15 IEC1000-4-2 Air-Gap Discharge ±15 T_IN, R_IN, R_OUT, EN, SHDN, MBAUD MAX3237E IEC1000-4-2 Contact Discharge ±8 kV |