| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS1307 bảng dữ liệu(PDF) 14 Page - SYC Electronica |
|
|
|||||||||||||||||||||||||||||
DS1307 bảng dữ liệu(HTML) 14 Page - SYC Electronica |
|
14 / 14 page ![]() DS1307 64 x 8, Serial, I 2C Real-Time Clock 14 of 14 REVISION HISTORY REVISION DATE DESCRIPTION PAGES CHANGED Moved the Typical Operating Circuit and Pin Configurations to first page. 1 Removed the leaded part numbers from the Ordering Information table. 1 Added an open-drain transistor to SQW/OUT in the block diagram (Figure 1). 4 Added the pullup voltage range for SDA, SCL, and SQW/OUT to the Pin Description table and noted that SQW/OUT can be left open if not used. 6 Added default time and date values on first application of power to the Clock and Calendar section and deleted the note that initial power-on state is not defined. 8 Added default on initial application of power to bit info in the Control Register section. 9 100208 Updated the Package Information section to reflect new package outline drawing numbers. 13 |