| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM2596 bảng dữ liệu(PDF) 13 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
LM2596 bảng dữ liệu(HTML) 13 Page - ON Semiconductor |
|
13 / 26 page ![]() LM2596 www.onsemi.com 13 Table 3. INDUCTOR MANUFACTURERS PART NUMBERS Inductance (mH) Current (A) Schott Renco Pulse Engineering Coilcraft Through Hole Surface Mount Through Hole Surface Mount Through Hole Surface Mount Surface Mount L15 22 0.99 67148350 67148460 RL−1284−22−43 RL1500−2 2 PE−53815 PE−53815−S DO3308−223 L21 68 0.99 67144070 67144450 RL−5471−5 RL1500−6 8 PE−53821 PE−53821−S DO3316−683 L22 47 1.17 67144080 67144460 RL−5471−6 − PE−53822 PE−53822−S DO3316−473 L23 33 1.40 67144090 67144470 RL−5471−7 − PE−53823 PE−53823−S DO3316−333 L24 22 1.70 67148370 67148480 RL−1283−22−43 − PE−53824 PE−53825−S DO3316−223 L25 15 2.10 67148380 67148490 RL−1283−15−43 − PE−53825 PE−53824−S DO3316−153 L26 330 0.80 67144100 67144480 RL−5471−1 − PE−53826 PE−53826−S DO5022P−334 L27 220 1.00 67144110 67144490 RL−5471−2 − PE−53827 PE−53827−S DO5022P−224 L28 150 1.20 67144120 67144500 RL−5471−3 − PE−53828 PE−53828−S DO5022P−154 L29 100 1.47 67144130 67144510 RL−5471−4 − PE−53829 PE−53829−S DO5022P−104 L30 68 1.78 67144140 67144520 RL−5471−5 − PE−53830 PE−53830−S DO5022P−683 L31 47 2.20 67144150 67144530 RL−5471−6 − PE−53831 PE−53831−S DO5022P−473 L32 33 2.50 67144160 67144540 RL−5471−7 − PE−53932 PE−53932−S DO5022P−333 L33 22 3.10 67148390 67148500 RL−1283−22−43 − PE−53933 PE−53933−S DO5022P−223 L34 15 3.40 67148400 67148790 RL−1283−15−43 − PE−53934 PE−53934−S DO5022P−153 L35 220 1.70 67144170 − RL−5473−1 − PE−53935 PE−53935−S − L36 150 2.10 67144180 − RL−5473−4 − PE−54036 PE−54036−S − L37 100 2.50 67144190 − RL−5472−1 − PE−54037 PE−54037−S − L38 68 3.10 67144200 − RL−5472−2 − PE−54038 PE−54038−S DO5040H−683ML L39 47 3.50 67144210 − RL−5472−3 − PE−54039 PE−54039−S DO5040H−473ML L40 33 3.50 67144220 67148290 RL−5472−4 − PE−54040 PE−54040−S DO5040H−333ML L41 22 3.50 67144230 67148300 RL−5472−5 − PE−54041 PE−54041−S DO5040H−223ML L42 150 2.70 67148410 − RL−5473−4 − PE−54042 PE−54042−S − L43 100 3.40 67144240 − RL−5473−2 − PE−54043 - L44 68 3.40 67144250 − RL−5473−3 − PE−54044 DO5040H−683ML |