công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HVR250P080C bảng dữ liệu(PDF) 1 Page - Littelfuse

tên linh kiện HVR250P080C
Giải thích chi tiết về linh kiện  power contact and the natural lightning strike.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LITTELFUSE [Littelfuse]
Trang chủ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

HVR250P080C bảng dữ liệu(HTML) 1 Page - Littelfuse

  HVR250P080C Datasheet HTML 1Page - Littelfuse HVR250P080C Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
In our continuing strategy to deliver unparalleled circuit protection solutions,
technical expertise and application leadership, we proudly introduce the
WICKMANN Group and its products to the Littelfuse portfolio.
040706
www.littelfuse.com
POLYFUSE® RESETTABLE FUSES
Dimensions (mm)
Specifications
Packaging
A:
bulk
F:
tape and ammo
Materials
Insulating Material: Yellow Epoxy Polymer,
UL 94 V-0
Round Pins:
Copper alloy, tin plated
Max. Device Surface Temperature in Tripped State
125 °C
Operating / Storage Temperature
-40 ºC to +85 ºC (consider de-rating)
Humidity Ageing
+85 °C, 85 % R.H., 1000 hours, ± 5 % typical
resistance change
Soldering Characteristics
Solderability per MIL-STD-202, Method 208E
Thermal Shock
MIL-STD-202F, Method 107G
+125 °C to -40 °C 10 times,
±10 % typical resistance change
Solvent Resistance
MIL-STD-202, Method 215F, no change
Marking
“P”, voltage, amperage rating, lot number
Order
Qty.
Order-
Model
Packaging
Information
Number
No. HVR250
HVR250P080C
0.080
0.16
250/60
3
3.00 @ 0.35**
1.00
14.0
22.0
33
•
•
HVR250P080U
0.080
0.16
250/60
3
3.00 @ 0.35**
1.00
15.0
22.0
33
•
•
HVR250P080CFT
0.080
0.16
250/60
3
3.00 @ 0.35**
1.00
14.0
22.0
33
p
•
HVR250P110U
0.110
0.22
250/60
3
0.75 @ 1.00
1.00
5.0
9.0
16
p
p
HVR250P120C
0.120
0.24
250/60
3
1.50 @ 1.00
1.00
4.0
8.0
16
•
•
HVR250P120U
0.120
0.24
250/60
3
1.00 @ 1.00
1.00
6.0
10.0
16
•
•
HVR250P120C-RA
0.120
0.24
250/60
3
0.90 @ 1.00
1.00
7.0
9.0
16
•
•
HVR250P120C-RC
0.120
0.24
250/60
3
0.85 @ 1.00
1.00
5.4
7.5
14
•
•
HVR250P120C-RF
0.120
0.24
250/60
3
0.70 @ 1.00
1.00
6.0
10.5
16
•
•
HVR250P120C-R1
0.120
0.24
250/60
3
0.80 @ 1.00
1.00
6.0
9.0
16
•
•
HVR250P120C-R2
0.120
0.24
250/60
3
0.70 @ 1.00
1.00
8.0
10.5
16
•
•
HVR250P120C-R3
0.120
0.24
250/60
3
1.00 @ 1.00
1.00
8.0
10.0
16
•
•
HVR250P120CT
0.120
0.24
250/60
3
0.70 @ 1.00
1.00
7.0
12.0
16
•
•
HVR250P145C
0.145
0.29
250/60
3
2.50 @ 1.00
1.00
3.0
6.0
14
•
•
HVR250P145U
0.145
0.29
250/60
3
2.00 @ 1.00
1.00
3.5
6.5
14
•
•
HVR250P145C-RA
0.145
0.29
250/60
3
2.50 @ 1.00
1.00
3.0
5.5
12
•
•
HVR250P145C-RB
0.145
0.29
250/60
3
2.00 @ 1.00
1.00
4.5
6.0
14
•
•
HVR250P145CT
0.145
0.29
250/60
3
2.00 @ 1.00
1.00
5.4
7.5
14
•
•
HVR250P180C
0.180
0.65
250/60
3
21.00 @ 1.00
1.80
0.8
2.0
4
•
•
HVR250P180U
0.180
0.65
250/60
10
15.00 @ 1.00
1.80
0.8
2.0
4
•
•
HVR250P180CF
0.180
0.65
250/60
3
21.00 @ 1.00
1.80
0.8
2.2
4
p
•
Model
I
hold
I
Trip
V
max. ac
I
max.
max. time to trip
P
d max.
Resistance
Approvals
(A)
V
int/Vop*
(A)
(s @ A)
(W)
R
min.(Ω)
R
max.(Ω)
R
I max.(Ω)
Permissible continuous operating current is ≤ 100 % at ambient temperature of 20 ºC (68 ºF).
NOTE:
I
hold =
Hold current: maximum current device will pass without tripping in 20 °C still air.
I
trip =
Trip current: minimum current at which the device will trip in 20 °C still air.
I
max =
Maximum fault current device can withstand without damage at rated voltage (V
max)
P
d =
Power dissipated from device when in the tripped state at 20 °C still air.
R
min=
Minimum resistance of device in initial (un-soldered) state.
R
1max=
Maximum resistance of device at 20 °C measured one hour after tripping for 20 s.
Caution:Operation beyond the specified rating may result in damage and possible arcing and flame.
Figure 1
Figure 2
Specifications are subject
to change without notice.
Devices are not intended for
continuous use at 250 V!
* V
int :Interrupt Voltage
V
op : Operating Voltage(Vcd)
** typcial value
Model
Fig.
A
B
C
D
E
Physical Characteristics
packaging quantity
Max
Max
typ
Min
Max
Lead
Material
bag
ammo
HVR250P080C
1
5,8
10,9
5,5
4,7
5,1
0.65 dia
Sn/Cu
500
1500
HVR250P080U
1
5,0
9,0
3,8
4,7
5,1
0.65 dia
Sn/Cu
500
1500
HVR250P080CF
1
5,8
10,9
5,5
4,7
5,1
0.65 dia
Sn/Cu
500
1500
HVR250P110U
1
5,3
9,4
3,8
4,7
5,1
0.65 dia
Sn/Cu
500
1500
HVR250P120C
2
6,8
12,5
5,5
4,7
5,1
0.65 dia
Sn/Cu
500
1200
HVR250P120U
2
6,0
10,0
3,8
4,7
5,1
0.65 dia
Sn/Cu
500
1200
HVR250P120C-RA
2
6,8
12,5
5,5
4,7
5,1
0.65 dia
Sn/Cu
500
1200
HVR250P120C-RC
2
6,8
12,5
5,5
4,7
5,1
0.65 dia
Sn/Cu
500
1200
HVR250P120C-RF
2
6,8
12,5
5,5
4,7
5,1
0.65 dia
Sn/Cu
500
1200
HVR250P120C-R1
2
6,8
12,5
5,5
4,7
5,1
0.65 dia
Sn/Cu
500
1200
HVR250P120C-R2
2
6,8
12,5
5,5
4,7
5,1
0.65 dia
Sn/Cu
500
1200
HVR250P120C-R3
2
6,8
12,5
5,5
4,7
5,1
0.65 dia
Sn/Cu
500
1200
HVR250P120CT
2
6,8
12,5
5,5
4,7
5,1
0.65 dia
Sn/Cu
500
1200
HVR250P145C
2
6,8
12,5
5,5
4,7
5,1
0.65 dia
Sn/Cu
500
1200
HVR250P145U
2
6,0
12,5
3,8
4,7
5,1
0.65 dia
Sn/Cu
500
1200
HVR250P145C-RA
2
6,8
10,0
5,5
4,7
5,1
0.65 dia
Sn/Cu
500
1200
HVR250P145C-RB
2
6,8
12,5
5,5
4,7
5,1
0.65 dia
Sn/Cu
500
1200
HVR250P145CT
2
6,8
12,5
5,5
4,7
5,1
0.65 dia
Sn/Cu
500
1200
HVR250P180C
2
12,5
12,9
5,5
4,7
5,1
0.65 dia
Sn/Cu
200
1000
HVR250P180U
2
10,4
12,6
3,8
4,7
5,1
0.65 dia
Sn/Cu
200
1000
HVR250P180CF
1
12,0
13,2
5,5
4,7
5,1
0.65 dia
Sn/Cu
200
1000
Dimensions (mm)
center-to-center
High Voltage
PTC Device, 60 V / 250 V
Standard
UL 1434 1st Edition
CSA C22.2 No. 0 CSA TIL No. CA-3A
Approvals
cULus Recognition
TÜV
Features
This product line is designed to provide protec-
tion against induced AC power current, direct
power contact and the natural lightning strike.
The HVR250 product line is widely used in the
field of telecommunications and network-
ing, ISDN and XSDN equipment. It also helps
equipment manufacturers pass ITU K20, K21 and
telcordia requirements.


Số phần tương tự - HVR250P080C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
EIC discrete Semiconduc...
HVR250 EIC-HVR250 Datasheet
32Kb / 2P
HIGH VOLTAGE RECTIFIER DIODES
logo
List of Unclassifed Man...
HVR2500 ETC1-HVR2500 Datasheet
615Kb / 6P
HIGH VOLTAGE RECTIFIERS
logo
Vishay Siliconix
HVR2500001503FA100 VISHAY-HVR2500001503FA100 Datasheet
159Kb / 7P
High Ohmic/High Voltage Metal Film Leaded Resistors
02-Dec-09
HVR2500001503FA100 VISHAY-HVR2500001503FA100 Datasheet
159Kb / 7P
High Ohmic/High Voltage Metal Film Leaded Resistors
02-Dec-09
HVR2500001503FA500 VISHAY-HVR2500001503FA500 Datasheet
159Kb / 7P
High Ohmic/High Voltage Metal Film Leaded Resistors
02-Dec-09
More results

Mô tả tương tự - HVR250P080C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
HuaXinAn Electronics CO...
2B800HD HUAXINAN-2B800HD Datasheet
304Kb / 2P
Overvoltage protection against direct lightning strike
2B800L8 HUAXINAN-2B800L8 Datasheet
203Kb / 2P
Overvoltage protection against direct lightning strike
logo
Red Lion Controls. Inc
SP-TELCO REDLION-SP-TELCO Datasheet
275Kb / 1P
Telephone Line Surge and Lightning Protector
logo
Tyco Electronics
408-10236 MACOM-408-10236 Datasheet
152Kb / 3P
The seating tool consists of an adapter, a signal contact blade, and a power contact blade.
logo
STMicroelectronics
ESDAVLC6-1BF4 STMICROELECTRONICS-ESDAVLC6-1BF4 Datasheet
292Kb / 9P
Multiple ESD strike sustainability
20-May-2015
logo
Seoul Semiconductor
SAWS226AA SEOUL-SAWS226AA Datasheet
924Kb / 22P
Natural light closest to the sunlight
SAWS1566A SEOUL-SAWS1566A Datasheet
682Kb / 24P
Natural light closest to the sunlight
SAWS1564A SEOUL-SAWS1564A Datasheet
722Kb / 24P
Natural light Closest to the Sunlight
SAWS1063A SEOUL-SAWS1063A Datasheet
715Kb / 24P
Natural light closest to the sunlight
SAWS0661A SEOUL-SAWS0661A Datasheet
715Kb / 24P
Natural light closest to the sunlight
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com