công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TUSB2E221 bảng dữ liệu(PDF) 8 Page - Texas Instruments

tên linh kiện TUSB2E221
Giải thích chi tiết về linh kiện  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TUSB2E221 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button TUSB2E221 Datasheet HTML 4Page - Texas Instruments TUSB2E221 Datasheet HTML 5Page - Texas Instruments TUSB2E221 Datasheet HTML 6Page - Texas Instruments TUSB2E221 Datasheet HTML 7Page - Texas Instruments TUSB2E221 Datasheet HTML 8Page - Texas Instruments TUSB2E221 Datasheet HTML 9Page - Texas Instruments TUSB2E221 Datasheet HTML 10Page - Texas Instruments TUSB2E221 Datasheet HTML 11Page - Texas Instruments TUSB2E221 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
Table 5-3. USB2 PHY Configuration (continued)
EQ0
EQ1
EQ2
USB2 PHY
Compensation
Level
eUSB0/1 channel
USB ESR(1)
(Ω)
High
High
High
Level 7
5 inches FR4
USB A: 2.5
USB B: 17.5
(1)
Equivalent series resistance (ESR) is the combination of any resistance between the device and the USB connector such as switches,
multipliexers, just to name a few.
Table 5-4. USB2 PHY Compensation Levels
USB2 PHY Compensation Levels
Register
Level 0
Level 1
Level 2
Level 3
Level 4
Level 5
Level 6
Level 7
E_EQ_Px
Register
Default
Register
Default
Register
Default
Register
Default
Register
Default
Register
Default
Register
Default
Register
Default
E_HS_TX_AMPLIT
UDE_Px
Register
Default
Register
Default
Register
Default
Register
Default
Register
Default
Register
Default
Register
Default
Register
Default
E_HS_TX_PRE_EM
PHASIS_Px
Register
Default
Register
Default
Register
Default
Register
Default
Register
Default
Register
Default
Register
Default
Register
Default
U_EQ_Px
USB A: 0x0
USB B: 0x0
USB A: 0x2
USB B: 0x2
USB A: 0x5
USB B: 0x5
USB A: 0x5
USB B: 0x2
USB A: 0x2
USB B: 0x0
USB A: 0x0
USB B: 0x2
USB A: 0x0
USB B: 0x5
USB A: 0x5
USB B: 0x0
U_SQUELCH_THR
ESHOLD_Px
USB A: 0x4
USB B: 0x4
USB A: 0x5
USB B: 0x5
USB A: 0x6
USB B: 0x6
USB A: 0x6
USB B: 0x5
USB A: 0x5
USB B: 0x4
USB A: 0x4
USB B: 0x5
USB A: 0x4
USB B: 0x6
USB A: 0x6
USB B: 0x4
U_DISCONNECT_T
HRESHOLD_Px
USB A: 0x5
USB B: 0x5
USB A: 0x8
USB B: 0x8
USB A: 0x8
USB B: 0x8
USB A: 0x8
USB B: 0x8
USB A: 0x8
USB B: 0x5
USB A: 0x5
USB B: 0x8
USB A: 0x5
USB B: 0x8
USB A: 0x8
USB B: 0x5
U_HS_TX_AMPLIT
UDE_Px
USB A: 0x5
USB B: 0x5
USB A: 0x9
USB B: 0x9
USB A: 0xD
USB B: 0xD
USB A: 0xD
USB B: 0x9
USB A: 0x9
USB B: 0x5
USB A: 0x5
USB B: 0x9
USB A: 0x5
USB B: 0xD
USB A: 0xD
USB B: 0x5
U_HS_TX_PRE_EM
PHASIS_Px
USB A: 0x0
USB B: 0x0
USB A: 0x1
USB B: 0x1
USB A: 0x3
USB B: 0x3
USB A: 0x3
USB B: 0x1
USB A: 0x1
USB B: 0x0
USB A: 0x0
USB B: 0x1
USB A: 0x0
USB B: 0x3
USB A: 0x3
USB B: 0x0
Table 5-5. eUSB PHY Configuration
EQ0
EQ1
EQ2
eUSB PHY
Compensation
Level
eUSB0
ESR(1)
(Ω)
eUSB1 ESR
(1)
(Ω)
USBA (DPA/DNA)
ESR (1)
(Ω)
USBB (DPB/DNB)
ESR (1)
(Ω)
Low/Float
Low/Float
Low/Float
Level 0
2.5
2.5
2.5
2.5
High
Low/Float
Low/Float
Level 1
7.5
7.5
2.5
2.5
Low/Float
High
Low/Float
Level 2
15
15
2.5
2.5
High
High
Low/Float
Level 3
25
25
2.5
2.5
(1)
Equivalent series resistance (ESR) is the combination of any resistance between the device and the USB connector or between device
and the SOC such as switches, multipliexers, just to name a few.
Table 5-6. eUSB PHY Compensation Levels
eUSB PHY Compensation Levels
Register
Level 0
Level 1
Level 2
Level 3
E_EQ_Px
0x1
0x3
0x7
0x10
E_HS_TX_AMPLITUDE_Px
0x3
0x3
0x5
0x7
E_HS_TX_PRE_EMPHASIS_Px
0x1
0x2
0x4
0x6
U_EQ_Px
Register Default
Register Default
Register Default
Register Default
U_SQUELCH_THRESHOLD_Px
Register Default
Register Default
Register Default
Register Default
U_DISCONNECT_THRESHOLD_Px
Register Default
Register Default
Register Default
Register Default
U_HS_TX_AMPLITUDE_Px
Register Default
Register Default
Register Default
Register Default
U_HS_TX_PRE_EMPHASIS_Px
Register Default
Register Default
Register Default
Register Default
TUSB2E221
SNLS757B – JUNE 2024 – REVISED NOVEMBER 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com