| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TSL2560CS bảng dữ liệu(PDF) 32 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
|
|
|||||||||||||||||||||||||||||
TSL2560CS bảng dữ liệu(HTML) 32 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
|
32 / 38 page ![]() TSL2560, TSL2561 LIGHT-TO-DIGITAL CONVERTER TAOS059K − APRIL 2007 32 r r Copyright E 2007, TAOS Inc. The LUMENOLOGY r Company www.taosinc.com MECHANICAL DATA TOP VIEW DETAIL B DETAIL A 1.35 + 0.05 Ao 1.85 + 0.05 Bo 0.97 + 0.05 Ko 0.250 + 0.02 55 Max 55 Max 4.00 8.00 3.50 + 0.05 j 1.50 4.00 2.00 + 0.05 + 0.30 − 0.10 1.75 B B AA j 0.60 + 0.05 NOTES: A. All linear dimensions are in millimeters. Dimension tolerance is ± 0.10 mm unless otherwise noted. B. The dimensions on this drawing are for illustrative purposes only. Dimensions of an actual carrier may vary slightly. C. Symbols on drawing Ao, Bo, and Ko are defined in ANSI EIA Standard 481−B 2001. D. Each reel is 178 millimeters in diameter and contains 3500 parts. E. TAOS packaging tape and reel conform to the requirements of EIA Standard 481−B. F. In accordance with EIA standard, device pin 1 is located next to the sprocket holes in the tape. G. This drawing is subject to change without notice. Figure 21. TSL2560/TSL2561 Chipscale Carrier Tape |