| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TSL1402R bảng dữ liệu(PDF) 13 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
|
|
|||||||||||||||||||||||||||||
TSL1402R bảng dữ liệu(HTML) 13 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
|
13 / 14 page ![]() TSL1402R 256 × 1 LINEAR SENSOR ARRAY WITH HOLD TAOS041F − APRIL 2007 13 The LUMENOLOGY r Company r r Copyright E 2007, TAOS Inc. www.taosinc.com MECHANICAL INFORMATION 64.00 55.50 8.00 46.00 37.00 154.50 13.00 11.00 25.50 14.50 THEORETICAL PIXEL LAYOUT FOR IDEAL CONTINUOUS DIE ACTUAL MULTI-DIE PIXEL LAYOUT FOR DIE-TO-DIE EDGE JOINING N−2 N−1 N 12 N−2 N−1 N 12 Note B Note C 3 3 NOTES: A. All linear dimensions are in micrometers. B. Spacing between outside pixels of adjacent die is typical. C. Die-to-die spacing. D. This drawing is subject to change without notice. Figure 12. Edge Pixel Layout Dimensions |