| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TSL1401CS-LF bảng dữ liệu(PDF) 13 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
|
|
|||||||||||||||||||||||||||||
TSL1401CS-LF bảng dữ liệu(HTML) 13 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
|
13 / 18 page ![]() TSL1401CS−LF 128 × 1 LINEAR SENSOR ARRAY WITH HOLD TAOS072E − APRIL 2007 13 The LUMENOLOGY r Company r r Copyright E 2007, TAOS Inc. www.taosinc.com MECHANICAL INFORMATION SIDE VIEW TOP VIEW DETAIL A DETAIL B 7.60 9.17 0.82 1.29 1.17 85 Max 0.300 + 0.200 1.24 + 0.100 4 + 0.100 4 + 0.100 Typ 2 + 0.100 CL j 1.5 + 0.100 Typ 1.75 + 0.100 7.50 + 0.100 + 0.300 − 0.100 16 A A BB R 0.58 Ko Ao Bo 55 Max Pin 1 NOTES: A. All linear dimensions are in millimeters. B. The dimensions on this drawing are for illustrative purposes only. Dimensions of an actual carrier may vary slightly. C. Symbols on drawing Ao, Bo, and Ko are defined in ANSI EIA Standard 481−B 2001. D. Each reel is 178 millimeters in diameter and contains 2800 parts. E. TAOS packaging tape and reel conform to the requirements of EIA Standard 481−B. F. In accordance with EIA standard, device pin 1 is located next to the sprocket holes in the tape. G. This drawing is subject to change without notice. Figure 13. TSL1401CS−LF Solder Bump Linear Array Package Carrier Tape |