| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TSL13 bảng dữ liệu(PDF) 11 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
|
|
|||||||||||||||||||||||||||||
TSL13 bảng dữ liệu(HTML) 11 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
|
11 / 14 page ![]() TSL12T, TSL13T LIGHT-TO-VOLTAGE CONVERTERS TAOS062D − APRIL 2007 11 The LUMENOLOGY r Company r r Copyright E 2007, TAOS Inc. www.taosinc.com MECHANICAL DATA 0.30 + 0.050 2.10 4 + 0.100 2 + 0.100 8 Typ 1.75 + 0.100 5.50 + 0.100 AA B B 12 + 0.100 R 0.20 TYP j 1.50 j 1.50 SIDE VIEW TOP VIEW END VIEW 3.09 MAX 2.90 + 0.100 Ao R 0.20 TYP 1.80 Ko 4.29 MAX 4.10 + 0.100 Bo DETAIL B DETAIL A R 0.20 TYP NOTES: A. All linear dimensions are in millimeters. B. The dimensions on this drawing are for illustrative purposes only. Dimensions of an actual carrier may vary slightly. C. Symbols on drawing Ao, Bo, and Ko are defined in ANSI EIA Standard 481−B 2001. D. Each reel is 178 millimeters in diameter and contains 1000 parts. E. TAOS packaging tape and reel conform to the requirements of EIA Standard 481−B. F. In accordance with EIA standard, device pin 1 is located next to the sprocket holes in the tape. G. This drawing is subject to change without notice. Figure 17. Four Lead Surface Mount Package Carrier Tape |