công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KB5 bảng dữ liệu(PDF) 1 Page - France Joint

tên linh kiện KB5
Giải thích chi tiết về linh kiện  SHAFT SEALS WITH A TYPE 5 STOP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FRANCEJOINT [France Joint]
Trang chủ  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

KB5 bảng dữ liệu(HTML) 1 Page - France Joint

  KB5 Datasheet HTML 1Page - France Joint KB5 Datasheet HTML 2Page - France Joint KB5 Datasheet HTML 3Page - France Joint KB5 Datasheet HTML 4Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
|
|
SEAL DESIGN
Tolerance for the outside diameter of the seal (ØD)
Bore diameter
ØD1 (mm)
Apparent metal cage
Rubber coating
Coating with grooves
ØD1 ≤ 50.0
+0.10 / +0.20
+0.15 / +0.30
+0.20 / +0.40
50.0 < ØD1 ≤ 80.0
+0.13 / +0.23
+0.20 / +0.35
+0.25 / +0.45
80.0 < ØD1 ≤ 120.0
+0.15 / +0.25
+0.20 / +0.35
+0.25 / +0.45
120.0 < ØD1 ≤ 180.0
+0.18 / +0.28
+0.25 / +0.45
+0.30 / +0.55
180.0 < ØD1 ≤ 300.0
+0.20 / +0.30
+0.25 / +0.45
+0.30 / +0.55
300.0 < ØD1 ≤ 500.0
+0.23 / +0.35
+0.30 / +0.55
+0.35 / +0.65
500.0 < ØD1 ≤ 630.0
+0.23 / +0.35
+0.35 / +0.65
+0.40 / +0.75
Roundness tolerance
Bore diameter
ØD1 (mm)
Apparent metal cage
Rubber coating
ØD1 ≤ 50.0
0.18
0.25
50.0 < ØD1 ≤ 80.0
0.25
0.35
80.0 < ØD1 ≤ 120.0
0.30
0.50
120.0 < ØD1 ≤ 180.0
0.40
0.65
180.0 < ØD1 ≤ 300.0
0.25% of the outside diameter
0.80
300.0 < ØD1 ≤ 500.0
0.25% of the outside diameter
1.00
500.0 < ØD1 ≤ 630.0
-
-
Tolerance for the inside diameter of the seal (Ød)
Free and without constraint, the inside diameter of the sealing lip is always smaller than the
diameter of the shaft. The pre-tightening or interference denotes the difference between
these two values. Depending on the shaft diameter, the diameter of the sealing lip is generally
considered to be less, between 0.8 and 3.5 mm.
|
DESCRIPTION
The KB5 profile is a shaft seal
composed of a staggered external
metal cage with an external flange,
a primary sealing lip without a spring
and an additional anti-pollution lip.
|
ADVANTAGES
Good radial rigidity, particularly
for large diameters
Good stability when assembled,
preventing the bounce-back effect
Precise positioning when stopped
Sealing for high viscosity fluids
Primary sealing lip generating
low levels of friction and heat
Protection against undesirable
air contaminants
|
APPLICATIONS
All types of rotative applications
Machine tools
Agriculture
Construction
Transmissions
Gear boxes
Motors
Pumps
|
MATERIALS
Rubber
ACM 70 - 75 Shore A
EPDM 70 - 75 Shore A
FKM 70 - 75 Shore A
HNBR 70 - 75 Shore A
NBR 70 - 75 Shore A
Metal cage
Steel - AISI 1010
Stainless steel - AISI 304
Stainless steel - AISI 316
SHAFT SEALS
WITH A TYPE 5 STOP
KB5
ROTARY SEALS | SHAFT SEALS WITH A TYPE 5 STOP |
KB5
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS


Số phần tương tự - KB5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
KB500A1 MACOM-KB500A1 Datasheet
141Kb / 1P
Knobs, Machined Aluminum
KB500A1/4 MACOM-KB500A1/4 Datasheet
141Kb / 1P
Knobs, Machined Aluminum
logo
APEM
KB500A1/4AL APEM-KB500A1/4AL Datasheet
295Kb / 6P
CONTROL KNOBS, MACHINED ALUMINUM
logo
Tyco Electronics
KB500A1/8 MACOM-KB500A1/8 Datasheet
141Kb / 1P
Knobs, Machined Aluminum
logo
APEM
KB500A1/8AL APEM-KB500A1/8AL Datasheet
295Kb / 6P
CONTROL KNOBS, MACHINED ALUMINUM
More results

Mô tả tương tự - KB5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ALPS ELECTRIC CO.,LTD.
SRGA ALPS-SRGA Datasheet
161Kb / 4P
Hollow Shaft Type
SRGH ALPS-SRGH Datasheet
137Kb / 4P
Metal Shaft Type
SRGP ALPS-SRGP Datasheet
124Kb / 3P
Hollow Shaft Type
logo
Tyco Electronics
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
ALPS ELECTRIC CO.,LTD.
EC10E1220505 ALPS-EC10E1220505 Datasheet
258Kb / 2P
10mm Size Hollow Shaft Type
logo
List of Unclassifed Man...
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Ralston Instruments.
QSCM-0020-VT RALSTON-QSCM-0020-VT Datasheet
311Kb / 1P
Vent valve, stainless steel, with Viton seals
logo
ALPS ELECTRIC CO.,LTD.
EC12D ALPS-EC12D Datasheet
878Kb / 6P
Insulated shaft type with a wide variety of applications
logo
SparkFun Electronics
ROB-12269 SPARKFUN-ROB-12269 Datasheet
158Kb / 1P
Shaft Spacer - 5/8
8/4/2016
ROB-12275 SPARKFUN-ROB-12275 Datasheet
91Kb / 1P
Shaft Coupler - 5/16 to 5/16
1/15/2016
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com