công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMC2344DM bảng dữ liệu(PDF) 7 Page - ADDtek Corp

tên linh kiện AMC2344DM
Giải thích chi tiết về linh kiện  DUAL/Triple/QUAD LOW-POWER 60MHz UNITY-GAIN STABLE OP AMPLIFIERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ADDTEK [ADDtek Corp]
Trang chủ  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC2344DM bảng dữ liệu(HTML) 7 Page - ADDtek Corp

Back Button AMC2344DM Datasheet HTML 3Page - ADDtek Corp AMC2344DM Datasheet HTML 4Page - ADDtek Corp AMC2344DM Datasheet HTML 5Page - ADDtek Corp AMC2344DM Datasheet HTML 6Page - ADDtek Corp AMC2344DM Datasheet HTML 7Page - ADDtek Corp AMC2344DM Datasheet HTML 8Page - ADDtek Corp AMC2344DM Datasheet HTML 9Page - ADDtek Corp AMC2344DM Datasheet HTML 10Page - ADDtek Corp AMC2344DM Datasheet HTML 11Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AMC2244/AMC2344/AMC2444
Copyright
© 2006 2006 ADDtek Corp.
7
DD006_E -- JUNE 2006
APPLICATION INFORMATION
Product Description
The AMC2244/AMC2344/AMC2444 are low-power wideband monolithic operational amplifiers implemented with a
classical voltage-feedback topology. This allows them to be used in a variety of applications where current-feedback
amplifiers are not appropriate. For example, a capacitor to be placed in the feedback path, making it an excellent
choice for applications such as active filters, sample-and-holds, or integrators. Similarly, because of the ability to use
diodes in the feedback network, the AMC2244/AMC2344/AMC2444 are an excellent choice for applications such as
fast log amplifiers.
Power Dissipation
In order to prevent the junction temperature to exceed 150
°C , it is important to calculate the maximum junction
temperature (TJmax) for all applications to determine if power-supply voltages, load conditions, or package type need
to be modified such that the AMC2244/AMC2344/AMC2444 remain in the safe operating area. These parameters are
related as follows:
TJmax = Tmax + (θJA× PDmaxtotal)
Where PDmaxtotal is the sum of the maximum power dissipation of each amplifier in the package (PDmax).
PDmax for each amplifier can be calculated as follows :
PDmax= ( 2
× VS × ISmax + (VS - Voutmax) × ( Voutmax /RL))
where:
Tmax =Maximum Ambient Temperature
θJA = Thermal Resistance of the Package
PDmax = Maximum Power Dissipation of 1 Amplifier
VS = Supply Voltage
ISmax = Maximum Supply Current of 1 Amplifier
Voutmax = Maximum Output Voltage Swing of the Application
RL = Load Resistance
To serve as a guide for the user, we can calculate maximum allowable supply voltages for the example of the video
cable-driver below since we know that TJmax = 150°C, Tmax = 75°C, ISmax = 8.2 mA, and the package θJAs are shown in
Table 1. If we assume (for this example ) that we are driving a back-terminated video cable, then the maximum
average value (over duty-cycle) of Voutmax is 1.4V, and RL = 150Ω, giving the results seen in Table 1.
Table 1
Device
Package
θJA
PDmax @ Tmax
Max VS
AMC2244M
8P DIP
95°C /W
0.789W @ 75°C
±16.6V
AMC2244DM
8P SOIC
125°C /W
0.600W @ 75°C
±12.1V
AMC2344N/AMC2444N 14P DIP
70°C /W
1.071W @ 75°C
±11.5V
AMC2344D/AMC2444D 14P SOIC
110°C /W
0.682W @ 75°C
±7.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com