công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB90F342CES bảng dữ liệu(PDF) 24 Page - fujitsu semiconductor

tên linh kiện MB90F342CES
Giải thích chi tiết về linh kiện  16-bit Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FUJITSU [fujitsu semiconductor]
Trang chủ  
Logo FUJITSU - fujitsu semiconductor

MB90F342CES bảng dữ liệu(HTML) 24 Page - fujitsu semiconductor

Back Button MB90F342CES Datasheet HTML 20Page - fujitsu semiconductor MB90F342CES Datasheet HTML 21Page - fujitsu semiconductor MB90F342CES Datasheet HTML 22Page - fujitsu semiconductor MB90F342CES Datasheet HTML 23Page - fujitsu semiconductor MB90F342CES Datasheet HTML 24Page - fujitsu semiconductor MB90F342CES Datasheet HTML 25Page - fujitsu semiconductor MB90F342CES Datasheet HTML 26Page - fujitsu semiconductor MB90F342CES Datasheet HTML 27Page - fujitsu semiconductor MB90F342CES Datasheet HTML 28Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 84 page
background image
MB90340E Series
24
13. Stabilization of power supply voltage
A sudden change in the supply voltage may cause the device to malfunction even within the VCC supply voltage
operating range. Therefore, the VCC supply voltage should be stabilized. For reference, the supply voltage should
be controlled so that VCC ripple variations (peak- to-peak values) at commercial frequencies (50 MHz/60 MHz)
fall below 10
% of the standard VCC supply voltage and the coefficient of fluctuation does not exceed 0.1 V/ms at
instantaneous power switching.
14. Port 0 to Port 3 Output During Power-on (External-bus Mode)
As shown below, when the power is turned on in External-Bus mode, there is a possibility that output signal of
Port 0 to Port 3 might be unstable irrespective of the reset input.
15. Notes on Using the CAN Function
To use the CAN function, please set the DIRECT bit of the CAN Direct Mode Register (CDMR) to 1.
16. Flash Security Function (except for MB90F346E)
A security bit is located in the area of the flash memory.
If protection code 01H is written in the security bit, the flash memory is in the protected state by security.
Therefore please do not write 01H in this address if you do not use the security function.
Refer to following table for the address of the security bit.
Flash memory size
Address of the security bit
MB90F347E
Embedded 1 Mbit Flash Memory
FE0001H
MB90F342E
MB90F349E
Embedded 2 Mbits Flash Memory
FC0001H
MB90F343E
Embedded 3 Mbits Flash Memory
F90001H
MB90F345E
Embedded 4 Mbits Flash Memory
F80001H
Port0 to Port3 outputs
might be unstable
Port0 to Port3 outputs = Hi-Z
Port0 to Port3
VCC
1/2VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com