| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB90347CE bảng dữ liệu(PDF) 3 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90347CE bảng dữ liệu(HTML) 3 Page - fujitsu semiconductor |
|
3 / 84 page ![]() MB90340E Series 3 (Continued) • Full-CAN controller • Up to 2 channels • Compliant with Ver2.0A and Ver2.0B CAN specifications • 16 built-in message buffers • CAN wake-up function • Low power consumption (standby) mode • Sleep mode (a mode that halts CPU operating clock) • Timebase timer mode (a mode where only the oscillation clock, sub clock, timebase timer and watch timer operate) • Watch mode (a mode that operates sub clock and clock timer only) • Stop mode (a mode that stops oscillation clock and sub clock) • CPU intermittent operation mode • Clock modulation circuit • Technology •CMOS technology * : I2C license : Purchase of Fujitsu I2C components conveys a license under the Philips I2C Patent Rights to use, these com- ponents in an I2C system provided that the system conforms to the I2C Standard Specification as defined by Philips. |