công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB90F482PF bảng dữ liệu(PDF) 67 Page - fujitsu semiconductor

tên linh kiện MB90F482PF
Giải thích chi tiết về linh kiện  16-bit Proprietary Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FUJITSU [fujitsu semiconductor]
Trang chủ  
Logo FUJITSU - fujitsu semiconductor

MB90F482PF bảng dữ liệu(HTML) 67 Page - fujitsu semiconductor

Back Button MB90F482PF Datasheet HTML 63Page - fujitsu semiconductor MB90F482PF Datasheet HTML 64Page - fujitsu semiconductor MB90F482PF Datasheet HTML 65Page - fujitsu semiconductor MB90F482PF Datasheet HTML 66Page - fujitsu semiconductor MB90F482PF Datasheet HTML 67Page - fujitsu semiconductor MB90F482PF Datasheet HTML 68Page - fujitsu semiconductor MB90F482PF Datasheet HTML 69Page - fujitsu semiconductor MB90F482PF Datasheet HTML 70Page - fujitsu semiconductor MB90F482PF Datasheet HTML 71Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 120 page
background image
MB90480/485 Series
67
15. Timebase Timer
The timebase timer is an 18-bit free run counter (timebase counter) that counts up in synchronization with the
internal count clock signal (base oscillator
× 2) , and functions as an interval timer with a choice of four types of
time intervals. Other functions provided by this module include timer output for the oscillator stabilization wait
period, and operating clock signal feed for other timer circuits such as the watchdog timer.
(1) Register List
(2) Block Diagram
Timebase timer control register (TBTC)
0000A9H
Read/write
Initial value
⎯
X
⎯
X
R/W
0
R/W
0
W
1
R/W
0
R/W
0
15
14
13
12
11
10
9
8
⎯
R/W
1
RESV
⎯
TBIE
TBOF
TBR
TBC1
TBC0
OF
OF
OF
OF
× 21 × 22
× 28 × 29 × 210 × 211 × 212 × 213 × 214 × 215 × 216 × 217 × 218
⎯⎯
RESV
TBIE TBOF TBR
TBC1 TBC0
Interval timer
selector
To PPG timer
Timebase
timer counter
HCLK
× 2
To watchdog
timer
Power-on reset
Counter
clear
control
circuit
TBOF clear
Timebase timer control register (TBTC)
Timebase timer interrupt signal
To clock control
module oscillator
stabilization wait
time selector
TBOF
set
OF
: Overflow
HCLK : Oscillator clock
*1
: Switch machine clock from main clock or sub clock to PLL clock.
*2
: Switch machine clock from sub clock to main clock.
Stop mode start
Hold status start
CKSCR : MCS
= 1→0*1
CKSCR : SCS
= 0→1*2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More