| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB95F134MBSPF bảng dữ liệu(PDF) 45 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB95F134MBSPF bảng dữ liệu(HTML) 45 Page - fujitsu semiconductor |
|
45 / 64 page ![]() MB95130MB Series 45 (7) LIN-UART Timing Sampling at the rising edge of sampling clock*1 and prohibited serial clock delay*2 (ESCR register : SCES bit = 0, ECCR register : SCDE bit = 0) (VCC = 5.0 V ± 10%, AVSS = VSS = 0.0 V, TA = − 40 °C to + 85 °C) *1 : Provide switch function whether sampling of reception data is performed at rising edge or falling edge of the serial clock. *2 : Serial clock delay function is used to delay half clock for the output signal of serial clock. *3 : Refer to “ (2) Source Clock/Machine Clock” for tMCLK. Parameter Sym- bol Pin name Condition Value Unit Min Max Serial clock cycle time tSCYC SCK Internal clock operation output pin : CL = 80 pF + 1 TTL. 5 tMCLK*3 ⎯ ns SCK ↓→ SOT delay time tSLOVI SCK, SOT − 95 +95 ns Valid SIN → SCK↑ tIVSHI SCK, SIN tMCLK*3 + 190 ⎯ ns SCK ↑→ valid SIN hold time tSHIXI SCK, SIN 0 ⎯ ns Serial clock “L” pulse width tSLSH SCK External clock operation output pin : CL = 80 pF + 1 TTL. 3 tMCLK*3 − tR ⎯ ns Serial clock “H” pulse width tSHSL SCK tMCLK*3 + 95 ⎯ ns SCK ↓ → SOT delay time tSLOVE SCK, SOT ⎯ 2 tMCLK*3 + 95 ns Valid SIN → SCK↑ tIVSHE SCK, SIN 190 ⎯ ns SCK ↑→ valid SIN hold time tSHIXE SCK, SIN tMCLK*3 + 95 ⎯ ns SCK fall time tF SCK ⎯ 10 ns SCK rise time tR SCK ⎯ 10 ns |