công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSS bảng dữ liệu(PDF) 3 Page - Arista Networks, Inc

tên linh kiện MSS
Giải thích chi tiết về linh kiện  Arista Networks Multi-Domain Segmentation Services (MSS) For Zero Trust Networking
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ARISTA [Arista Networks, Inc]
Trang chủ  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

MSS bảng dữ liệu(HTML) 3 Page - Arista Networks, Inc

  MSS Datasheet HTML 1Page - Arista Networks, Inc MSS Datasheet HTML 2Page - Arista Networks, Inc MSS Datasheet HTML 3Page - Arista Networks, Inc MSS Datasheet HTML 4Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
arista.com
arista.com
Solution Brief
Solution Brief
Arista MSS Key Benefits
1. A single operational model for Campus, Branch and Datacenter Microsegmentation
Predicated on a single EOS binary, common across all switching platforms, a single Arista CloudVision® policy orchestration platform,
and an aggregated Network Data Lake (Arista NetDL™) infrastructure for state management and monitoring.
2. Standards-based networking with no custom protocols or hardware
Unlike other switch-based microperimeter segmentation solutions, Arista MSS is not dependent on any custom protocol or custom
hardware and is thus able to be integrated into any standard brownfield and multi-vendor network (wired and wireless).
3. Flexible to any endpoint with no custom agents or software
Since MSS does not require any software agents on endpoints and workloads, it seamlessly extends microperimeter segmentation
from campus, to branch, factory, and IoT endpoints as well as virtualized and bare metal workloads in the data center. There is no
limitation of specific operating system or virtualization platforms.
4. Simplified management of zero trust microperimeters
CloudVision integrates with multiple campus endpoint and datacenter workload identity sources, such as network access control
solutions, IP address management offerings, IT service management tools and virtualization platforms. Arista MSS is thus able to
dynamically establish and enforce identity-aware microperimeters across the entire enterprise.
5. Eliminates “blind spots” for safe deployment of zero trust policies
Using the data in Arista NetDL, MSS generates a map of all traffic sessions and then provides a set of zero trust police
recommendations based on the observed traffic map. Once policies are deployed, MSS can continuously monitor traffic violating
policies and stream the flow information to CloudVision for monitoring and rule update purposes. Importantly, MSS can also connect
to other sources of context such as network detection and response (NDR) and endpoint detection and response (EDR). Thus, Arista
MSS can quickly react to endpoints and workloads that might be misbehaving or compromised and isolate them as appropriate,
minimizing breach impact on the organization.
Who can benefit from implementing Arista MSS
Organizations with existing microsegmentation deployments that are looking to:
•
Enhance and extend agent/host-based microsegmentation to the rest of the infrastructure not managed by host Firewalls/agents.
•
Simplify existing switch-based microsegmentation deployments with an easy-to-deploy consistent solution that adapts to any
network overlay and underlay from data center to campus and branch.
Organizations new to microsegmentation that are looking to:
•
Reduce Firewall spend while extending segmentation to all internal traffic
•
Jumpstart their zero trust initiative with an easy-to-insert solution in existing brownfield network infrastructure with wired and
wireless endpoints and virtualized and bare metal workloads



Html Pages

1 2 3 4