| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB95F104AMSPFV bảng dữ liệu(PDF) 13 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB95F104AMSPFV bảng dữ liệu(HTML) 13 Page - fujitsu semiconductor |
|
13 / 72 page ![]() MB95100AM Series 13 ■ I/O CIRCUIT TYPE (Continued) Type Circuit Remarks A • Oscillation circuit • High-speed side Feedback resistance : approx. 1 M Ω • Low-speed side Feedback resistance : approx. 10 M Ω B • Only for input Hysteresis input only for MASK ROM product With pull-down resistor only for MASK ROM product B’ • Hysteresis input only for MASK ROM product • Reset output C •CMOS output • Hysteresis input • Automotive input G •CMOS output • CMOS input • Hysteresis input • With pull-up control • Automotive input X0 (X0A) X1 (X1A) N-ch Standby control Clock input R Mode input N-ch Reset input Reset output P-ch N-ch Standby control External interrupt enable Digital output Digital output Hysteresis input Automotive input R P-ch N-ch P-ch Pull-up control Standby control Digital output Digital output Hysteresis input CMOS input Automotive input |