công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB95F108ANS bảng dữ liệu(PDF) 17 Page - fujitsu semiconductor

tên linh kiện MB95F108ANS
Giải thích chi tiết về linh kiện  8-bit Proprietary Microcontrollers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FUJITSU [fujitsu semiconductor]
Trang chủ  
Logo FUJITSU - fujitsu semiconductor

MB95F108ANS bảng dữ liệu(HTML) 17 Page - fujitsu semiconductor

Back Button MB95F108ANS Datasheet HTML 13Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 14Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 15Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 16Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 17Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 18Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 19Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 20Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 21Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 72 page
background image
MB95100AM Series
17
• Mode Pin (MOD)
Connect the MOD pin directly to VCC or VSS pins.
To prevent the device unintentionally entering test mode due to noise, lay out the printed circuit board so as to
minimize the distance from the MOD pins to VCC or VSS pins and to provide a low-impedance connection.
Use a ceramic capacitor or a capacitor with equivalent frequency characteristics. A bypass capacitor of VCC pin
must have a capacitance value higher than CS. For connection of smoothing capacitor CS, refer to the diagram
below.
• Analog Power Supply
Always set the same potential to AVCC and VCC pins. When VCC > AVCC, the current may flow through the AN00
to AN11 pins.
C
CS
• C pin connection diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72