| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB95F104AJS bảng dữ liệu(PDF) 17 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB95F104AJS bảng dữ liệu(HTML) 17 Page - fujitsu semiconductor |
|
17 / 72 page ![]() MB95100AM Series 17 • Mode Pin (MOD) Connect the MOD pin directly to VCC or VSS pins. To prevent the device unintentionally entering test mode due to noise, lay out the printed circuit board so as to minimize the distance from the MOD pins to VCC or VSS pins and to provide a low-impedance connection. Use a ceramic capacitor or a capacitor with equivalent frequency characteristics. A bypass capacitor of VCC pin must have a capacitance value higher than CS. For connection of smoothing capacitor CS, refer to the diagram below. • Analog Power Supply Always set the same potential to AVCC and VCC pins. When VCC > AVCC, the current may flow through the AN00 to AN11 pins. C CS • C pin connection diagram |