| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FAN-7002-R bảng dữ liệu(PDF) 17 Page - Arista Networks, Inc |
|
|
|||||||||||||||||||||||||||||
FAN-7002-R bảng dữ liệu(HTML) 17 Page - Arista Networks, Inc |
|
17 / 66 page ![]() Chapter 3 Rack Mounting the Switch Important: The rack mounting procedure is identical for all modular switches. Illustrations in this chapter depict the mounting of an unpopulated DCS-7304 chassis. Les procédure de montage du bâti est identique pour tous les commutateurs modulaires. Illustrations dans ce chapitre montrent le montage d’un châssis de DCS-7304 inhabité. • Two-Post Rack Mount provides instructions for mounting the switch in a two-post rack. • Four-Post Rack Mount provides instructions for mounting the switch in a four-post rack. After completing the instructions for your rack type, proceed to Powering the Modular Switch . 3.1 Two-Post Rack Mount To mount the switch to a two-post rack, assemble mounting brackets to the middle of the chassis, then attach the brackets to the rack. Important: Two-post rack mount parts are only available through your sales representative. Two-post rack mounting is not supported for DCS-7316 switches. Pièces de montage rack à deux montants sont uniquement disponibles par l’intermédiaire de votre représentant des ventes. Montage en rack de deux-poteau n’est pas supporté pour les commutateurs DCS-7316. The accessory kit includes the following two-post mounting parts: • 2 center-mount brackets. • 16 (DCS-7304) or 20 (DCS-7308) M4x8 panhead Phillips screws. 3.1.1 Attaching Mounting Brackets to the Chassis 1. Orient the switch chassis and the two center-mount brackets (Figure 2: Attaching the Center-mount Brackets). Figure 2: Attaching the Center-mount Brackets Position the flanges that attach to the rack posts toward the front of the chassis. 13 |