công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADL5519 bảng dữ liệu(PDF) 28 Page - Analog Devices

tên linh kiện ADL5519
Giải thích chi tiết về linh kiện  1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADL5519 bảng dữ liệu(HTML) 28 Page - Analog Devices

Back Button ADL5519_V01 Datasheet HTML 24Page - Analog Devices ADL5519_V01 Datasheet HTML 25Page - Analog Devices ADL5519_V01 Datasheet HTML 26Page - Analog Devices ADL5519_V01 Datasheet HTML 27Page - Analog Devices ADL5519_V01 Datasheet HTML 28Page - Analog Devices ADL5519_V01 Datasheet HTML 29Page - Analog Devices ADL5519_V01 Datasheet HTML 30Page - Analog Devices ADL5519_V01 Datasheet HTML 31Page - Analog Devices ADL5519_V01 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
ADL5519
Data Sheet
Rev. C | Page 28 of 39
APPLICATIONS INFORMATION
MEASUREMENT MODE
The ADL5519 is placed in measurement mode by connecting
OUTA, OUTB to VSTA, VSTB, respectively. The part has an offset
voltage, a negative slope, and a VOUTA, VOUTB measurement inter-
cept at the high end of its input signal range.
The output voltage vs. input signal voltage of the ADL5519 is
linear-in-dB over a multidecade range. The equation for this
function is of the following form:
VOUT = x × VSLOPE/DEC × log10(VIN/VINTERCEPT) =
(13)
x × VSLOPE/dB × 20 × log10(VIN/VINTERCEPT)
(14)
where:
x is the feedback factor in VSET = VOUT/x.
VSLOPE/DEC is nominally −440 mV/decade or −22 mV/dB.
VINTERCEPT is the x-axis intercept of the linear-in-dB portion of
the VOUT vs. VIN curve.
VINTERCEPT is 2 dBV for a sinusoidal input signal.
An offset voltage, VOFFSET, of 0.45 V is internally added to
the detector signal so that the minimum value for VOUT is
x × VOFFSET. If x = 1, the minimum VOUT value is 0.45 V.
The slope is very stable vs. process and temperature variation.
When Base-10 logarithms are used, VSLOPE/DEC represents the
volts/decade. A decade corresponds to 20 dB; VSLOPE/DEC/20 =
VSLOPE/dB represents the slope in V/dB.
As noted in Equation 13 and Equation 14, the VOUT voltage has
a negative slope. This is also the correct slope polarity to
control the gain of many VGAs in a negative feedback
configuration. Because both the slope and intercept vary slightly
with frequency, see the Specifications section for application-
specific values for slope and intercept.
Although demodulating log amps respond to input signal
voltage and not input signal power, it is customary to discuss
the amplitude of high frequency signals in terms of power. In
this case, the characteristic impedance of the system, Z0, must
be known to convert voltages to their corresponding power levels.
The following equations are used to perform this conversion:
P (dBm) = 10 × log10(Vrms2/(Z0 × 1 mW))
(15)
P (dBV) = 20 × log10(Vrms/1 Vrms)
(16)
P (dBm) = P (dBV) − 10 × log10(Z0 × 1 mW/1 Vrms2)
(17)
For example, PINTERCEPT, for a sinusoidal input signal expressed
in terms of dBm (decibels referred to 1 mW), in a 50 Ω system is
PINTERCEPT (dBm) =
PINTERCEPT (dBV) − 10 × log10(Z0 × 1 mW/1 Vrms2) =
2 dBV − 10 × log10(50 × 10−3) = 15 dBm
For a square wave input signal in a 200 Ω system
PINTERCEPT (dBm) =
−1 dBV − 10 × log10[(200 Ω × 1 mW/1Vrms2)] = +6 dBm
More information about the intercept variation dependence upon
waveform can be found in the AD8313 and AD8307 data sheets.
As the input signals to Channel A and Channel B are swept
over their nominal input dynamic range of −5 dBm to −55
dBm, the output swings from 0.5 V to 1.6 V. The voltages of
OUTA, OUTB are also internally applied to a difference
amplifier with a gain of 1. When the input power is swept, OUTP
swings from approximately 0.5 V to 1.75 V, and OUTN swings
from 1.75 V to 0.5 V. The VLVL pin sets the common-mode
voltage for OUTP, OUTN. An output common-mode voltage of
≤1.15 V can be set using
a resistor divider between the VREF and VLVL pins. Measurement
of large differences between INHA, INHB can be affected by
on-chip signal leakage.
CONTROLLER MODE
In addition to being a measurement device, the ADL5519 can
also be configured to set and control signal levels. Each of the two
log detectors can be separately configured to set and control the
output power level of a VGA or variable voltage attenuator (VVA).
See the Controller Mode section of the AD8317 datasheet for more
information on running a single channel in controller mode.
Alternatively, the two log detectors can be configured to measure
and control the gain of an amplifier or signal chain. The channel
difference outputs can be used to control a feedback loop to the
ADL5519 RF inputs. A capacitor connected between FBKA and
OUTP forms an integrator, keeping in mind that the on-chip 1 kΩ
feedback resistor forms a 0. (The value of the on-chip resistors can
vary as much as ±20% with manufacturing process variation.)
If Channel A is driven and Channel B has a feedback loop from
OUTP through a VGA, OUTP integrates to a voltage value
such that
OUTB = (OUTA + VLVL)/2
(18)
The output value from OUTN may or may not be useful. It is
given by
OUTN = 0 V
(19)
for VLVL < OUTA/3.
Otherwise,
OUTN = (3 × VLVL − OUTA)/2
(20)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com