| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
513.080 bảng dữ liệu(PDF) 2 Page - France Joint |
|
|
|||||||||||||||||||||||||||||
513.080 bảng dữ liệu(HTML) 2 Page - France Joint |
|
2 / 2 page ![]() FRANCE JOINT SAS Zone Artisanale Le Mortier - B.P. 50009 - Cugand - 85613 Montaigu Cedex - France Ph. +33 (0)2 51 42 13 76 - Fax +33 (0)2 51 43 61 14 - Email: contact@francejoint.fr - Website: www.francejoint.com L1 C H1 R2 R1 DIMENSIONS Part number Bore diameter ØD1 H9 Groove diameter Ød1 h9 Seal height H1 Groove width L1 0/+0.20 513.050 50.00 36.00 8.50 9.00 513.060 60.00 46.00 8.50 9.00 513.063 63.00 48.00 10.50 11.00 513.065 65.00 50.00 10.50 11.00 513.070 70.00 55.00 10.50 11.00 513.075 75.00 60.00 10.50 11.00 513.080 80.00 65.00 10.50 11.00 513.085 85.00 70.00 10.50 11.00 513.090 90.00 75.00 10.50 11.00 513.095 95.00 80.00 10.50 11.00 513.100 100.00 85.00 12.00 12.50 513.105 105.00 90.00 12.00 12.50 513.110 110.00 95.00 12.00 12.50 513.115 115.00 100.00 12.00 12.50 513.120 120.00 105.00 12.00 12.50 513.125 125.00 102.00 15.50 16.00 513.130 130.00 107.00 15.50 16.00 513.135 135.00 112.00 15.50 16.00 513.140 140.00 117.00 15.50 16.00 Part number Bore diameter ØD1 H9 Groove diameter Ød1 h9 Seal height H1 Groove width L1 0/+0.20 513.150 150.00 127.00 15.50 16.00 513.160 160.00 137.00 15.50 16.00 513.170 170.00 147.00 15.50 16.00 513.180 180.00 157.00 15.50 16.00 513.185 185.00 162.00 15.50 16.00 513.190 190.00 167.00 15.50 16.00 513.200 200.00 177.00 15.50 16.00 513.210 210.00 187.00 15.50 16.00 513.220 220.00 197.00 15.50 16.00 513.225 225.00 202.00 15.50 16.00 513.230 230.00 207.00 15.50 16.00 513.240 240.00 217.00 15.50 16.00 513.250 250.00 222.00 17.00 17.50 513.260 260.00 232.00 17.00 17.50 513.270 270.00 242.00 17.00 17.50 513.280 280.00 252.00 17.00 17.50 513.300 300.00 272.00 17.00 17.50 513.320 320.00 292.00 17.00 17.50 The figures highlighted in bold correspond to the bore diameters that are recommended by standard ISO 3320. Other intermediate sizes can be provided. HYDRAULIC SEALS | PISTON SEALS | BECA 513 |