| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
T48C862-R8 bảng dữ liệu(PDF) 54 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T48C862-R8 bảng dữ liệu(HTML) 54 Page - ATMEL Corporation |
|
54 / 107 page ![]() 54 T48C862-R8 4590B–4BMCU–02/03 Timer 2 COmpare Register 2 (T2CO2) Byte Write Address: "7"hex - Subaddress: "5"hex Timer 3 Features • Two Compare Registers • Capture Register • Edge Sensitive Input with Zero Cross Detection Capability • Trigger and Single Action Modes • Output Control Modes • Automatically Modulation and Demodulation Modes • FSK Modulation • Pulse Width Modulation (PWM) • Manchester Demodulation Together with SSI • Biphase Demodulation Together with SSI • Pulse-width Demodulation Together with SSI Figure 49. Timer 3 First write cycle Bit 3 Bit 2 Bit 1 Bit 0 Reset value: 1111b Second write cycle Bit 7 Bit 6 Bit 5 Bit 4 Reset value: 1111b 8-bit comparator Compare register 1 RES Capture register 8-bit counter Compare register 2 Control C31 C32 Control T3SM1 NQ D T3RM1 T3IM1 T3TM1 TOG2 T3I T3TM2 T3IM2 T3RM2 T3SM2 NQ D CL3 T3EIM TOG3 INT5 CM31 CM32 : T3M1 : T3M2 |