công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS78XXBCZ bảng dữ liệu(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện TS78XXBCZ
Giải thích chi tiết về linh kiện  3-Terminal Fixed Positive Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS78XXBCZ bảng dữ liệu(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS78XXBCZ Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS78XXBCZ Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS78XXBCZ Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS78XXBCZ Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS78XXBCZ Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS78XXBCZ Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS78XXBCZ Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS78XXBCZ Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TS7800B series
3-8
2005/01 rev. B
TS7808B Electrical Characteristics
(Vin=14V, Iout=500mA, 0
oC≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Tj=25
oC
7.68
8
8.32
Output Voltage
Vout
10.5V≤Vin≤23V,
10mA≤Iout≤1.5A, PD≤15W
7.60
8
8.40
V
10.5V≤Vin≤25V
--
6
160
Line Regulation
REGline
Tj=25
oC
11V≤Vin≤17V
--
2
80
10mA≤Iout≤1.5A
--
12
160
Load Regulation
REGload
Tj=25
oC
250mA≤Iout≤750mA
--
4
80
mV
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
4.3
8
10.5V≤Vin≤25V
--
--
1
Quiescent Current Change
ΔIq
10mA≤Iout≤1.5A
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz≤f≤100KHz, Tj=25
oC
--
52
--
uV
Ripple Rejection Ratio
RR
f=120Hz, 11V≤Vin≤21V
56
72
--
dB
Voltage Drop
Vdrop
Iout=1.0A, Tj=25
oC
--
2
--
V
Output Resistance
Rout
f=1KHz
--
16
--
mΩ
Output Short Circuit Current
Ios
Tj=25
oC
--
450
--
mA
Peak Output Current
Io peak
Tj=25
oC
--
2.2
--
A
Temperature Coefficient of
Output Voltage
ΔVout/ ΔTj
Iout=10mA, 0
oC≤Tj≤125oC
--
-0.8
--
mV/
oC
TS7809B Electrical Characteristics
(Vin=15V, Iout=500mA, 0
oC≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Tj=25
oC
8.64
9
9.36
Output Voltage
Vout
11.5V≤Vin≤23V,
10mA≤Iout≤1.5A, PD≤15W
8.55
9
9.45
V
11.5V≤Vin≤26V
--
6
180
Line Regulation
REGline
Tj=25
oC
12V≤Vin≤17V
--
2
90
10mA≤Iout≤1.5A
--
12
180
Load Regulation
REGload
Tj=25
oC
250mA≤Iout≤750mA
--
4
90
mV
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
4.3
8
11.5V≤Vin≤26V
--
--
1
Quiescent Current Change
ΔIq
10mA≤Iout≤1.5A
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz≤f≤100KHz, Tj=25
oC
--
52
--
uV
Ripple Rejection Ratio
RR
f=120Hz, 12V≤Vin≤22V
55
72
--
dB
Voltage Drop
Vdrop
Iout=1.0A, Tj=25
oC
--
2
--
V
Output Resistance
Rout
f=1KHz
--
16
--
mΩ
Output Short Circuit Current
Ios
Tj=25
oC
--
450
--
mA
Peak Output Current
Io peak
Tj=25
oC
--
2.2
--
A
Temperature Coefficient of
Output Voltage
ΔVout/ ΔTj
Iout=10mA, 0
oC≤Tj≤125oC
--
-1
--
mV/
oC
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible, and thermal effects must be taken into account separately.
This specification applies only for DC power dissipation permitted by absolute maximum ratings.



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com