| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS201 bảng dữ liệu(PDF) 2 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
CS201 bảng dữ liệu(HTML) 2 Page - fujitsu semiconductor |
|
2 / 9 page ![]() CS201 Series 2 (Continued) • Improve timing convergence by using Statistical Static Timing Analysis (SSTA) • Design For Manufacturing (DFM) enables stable product-supply and reduced variation • Optimum package range : FBGA, PBGA, TEBGA, FC-BGA *1: To realize this memory, the “1T-SRAM-Q ®” technology by MoSys Inc. was used *2: “CoolAdjust TM” is low power solution presented by Fujitsu. Note : Some of the features are not available yet. ■ MACRO LIBRARIES (including macros currently being prepared) 1. Logic cells (about 400 types) Library sets having three different threshold voltages of core transistors. 2. IP macros The following macros will be made available for the CS201 series. * : ARM is the trademark of ARM Limited. 3. Special I/O interface macro • Adder • AND • AND-OR • AND-OR Inverter • Buffer • Clock Buffer • Decoder • Delay Buffer • ENOR • EOR • Inverter • Latch • NAND • NOR • OR • OR-AND • OR-AND Inverter • SCAN Flip flop • Non-SCAN Flip Flop • Multiplexer • Others CPU/DSP ARM ™* cores(ARM7/ARM9/ARM11),Peripherals IP Mixed signal macro ADC, DAC, OPAMP, others Compiled macro SRAM (1 Port, 2 Port), 1 ROM, product sum calculators Large capacity memory 1T-SRAM-Q ® PLL Analog PLL Interface macro (PHY) LVDS, SSTL2, SSTL18, PCI, I2C, others Interface macro (controller) USB2.0 Device/host, Serial ATA, PCI-Express, DDR2, HDMI, others |