công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CCS-720XP-24Y6-F-EU bảng dữ liệu(PDF) 8 Page - Arista Networks, Inc

tên linh kiện CCS-720XP-24Y6-F-EU
Giải thích chi tiết về linh kiện  CCS-720XP Campus Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ARISTA [Arista Networks, Inc]
Trang chủ  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

CCS-720XP-24Y6-F-EU bảng dữ liệu(HTML) 8 Page - Arista Networks, Inc

Back Button CCS-720XP-24Y6-F-EU Datasheet HTML 4Page - Arista Networks, Inc CCS-720XP-24Y6-F-EU Datasheet HTML 5Page - Arista Networks, Inc CCS-720XP-24Y6-F-EU Datasheet HTML 6Page - Arista Networks, Inc CCS-720XP-24Y6-F-EU Datasheet HTML 7Page - Arista Networks, Inc CCS-720XP-24Y6-F-EU Datasheet HTML 8Page - Arista Networks, Inc CCS-720XP-24Y6-F-EU Datasheet HTML 9Page - Arista Networks, Inc CCS-720XP-24Y6-F-EU Datasheet HTML 10Page - Arista Networks, Inc CCS-720XP-24Y6-F-EU Datasheet HTML 11Page - Arista Networks, Inc CCS-720XP-24Y6-F-EU Datasheet HTML 12Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
720XP Campus PoE | Platform Features
Campus Overlay Scale
The CCS-720XP series switches utilize data center class virtualization features to provide hundreds of segmented networks to
thousands of users and devices. In addition to 4K 802.1Q VLANs, the CCS-720XP delivers 16.7 million VXLAN overlay networks with CVX
and EVPN control plane support. The combination of virtualization scale plus the layer 2 and 3 hardware scale of the CCS-720XP series
ensures administrators can implement large segmented and secure campus networks with the ability to scale in the future.
* Default mode; User modes includes per table customizable option
Scalability
Mode 0
Mode 1
Mode 2*
Mode 3
Mode 4
MAC Addresses
112k
96k
64k
32k
16k
IPv4 Host Routes
16K
32k
64K
96k
16k
IPv4 LPM Routes
16K
16K
16K
16K
144K
IPv6 LPM Routes
8K
8K
8K
8K
72K
IGMP Groups
4K
IPv4 Multicast Groups
8K
Security ACL Entries (Ingress/Egress)
2.5K/1K
Arista 720XP-48Y6
Provides:
•
48 x 10M - 1GbE RJ45 @ 30W
•
Uplinks: 6 x 25G
•
700Gbps switching bandwidth
Arista 720XP-24Y6
Provides:
•
24 x 10M - 1GbE RJ45 @ 30W
•
Uplinks: 6 x 25G
•
400Gbps switching bandwidth
Arista 720XP-48ZC2
Provides:
•
40 x mGig (100M - 2.5GbE) RJ45 @ 30W
•
8 x mGig (100M - 5GbE) RJ45 @ 60W
•
Uplinks: 4 x 25G, 2 x 100G
•
1120 Gbps switching bandwidth
Arista 720XP-24ZY4
Provides:
•
16 x mGig (100M - 2.5GbE) RJ45 @ 30W
•
8 x mGig (100M - 5GbE) RJ45 @ 60W
•
Uplinks: 4 x 25G
•
1120 Gbps switching bandwidth
Arista 720XP-96ZC2
Provides:
• 80 x mGig (100M - 2.5Gb) RJ45 @ 60W
• 16 x mGig (100M - 5Gb) RJ45 @ 60W
• Uplinks: 4 x 25G, 2 x 100G
• 2240 Gbps switching bandwidth
Arista 720XP-48TXH-2C-S
Provides:
•
48 x mGig (1/2.5/5/10G) RJ45 @ 90W
•
Uplinks: 4 x 25G, 2x 100G
•
2240 Gbps switching bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com