| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TISP4290LP bảng dữ liệu(PDF) 5 Page - Power Innovations Ltd |
|
|
|||||||||||||||||||||||||||||
TISP4290LP bảng dữ liệu(HTML) 5 Page - Power Innovations Ltd |
|
5 / 7 page ![]() 5 APRIL 1987 - REVISED SEPTEMBER 1997 TISP4290LP SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS PRODUCT INFORMATION LP003 (TO-92) 3-pin cylindical plastic package This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic compound. The compound will withstand soldering temperature with no deformation, and circuit performance characteristics will remain stable when operated in high humidity conditions. Leads require no additional cleaning or processing when used in soldered assembly. MECHANICAL DATA LP003 (TO-92) - Formed Leads Version ALL LINEAR DIMENSIONS IN MILLIMETERS 2,03 2,67 4,44 5,21 3,43 MIN. 4,32 5,34 0,40 0,56 2,40 2,90 0,35 0,41 2,03 2,67 3,17 4,19 4,00 MAX. 2,90 2,40 LP003 Falls Within JEDEC TO-226AA Dimensions 1 2 3 MDXXAR |