công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CCS-710P bảng dữ liệu(PDF) 3 Page - Arista Networks, Inc

tên linh kiện CCS-710P
Giải thích chi tiết về linh kiện  CCS-710P Compact Series Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ARISTA [Arista Networks, Inc]
Trang chủ  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

CCS-710P bảng dữ liệu(HTML) 3 Page - Arista Networks, Inc

  CCS-710P Datasheet HTML 1Page - Arista Networks, Inc CCS-710P Datasheet HTML 2Page - Arista Networks, Inc CCS-710P Datasheet HTML 3Page - Arista Networks, Inc CCS-710P Datasheet HTML 4Page - Arista Networks, Inc CCS-710P Datasheet HTML 5Page - Arista Networks, Inc CCS-710P Datasheet HTML 6Page - Arista Networks, Inc CCS-710P Datasheet HTML 7Page - Arista Networks, Inc CCS-710P Datasheet HTML 8Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
710P Campus PoE | Features
Layer 2 Features
• 802.1w Rapid Spanning Tree
• 802.1s Multiple Spanning Tree Protocol
• Rapid Per VLAN Spanning Tree (RPVST+)
• 4096 VLAN IDs, 510 active VLANs
• Q-in-Q
• 802.3ad Link Aggregation/LACP
• MLAG (Multi-Chassis Link Aggregation)
• Uses IEEE 802.3ad LACP
• 802.1Q VLANs/Trunking
• 802.1AB Link Layer Discovery Protocol
• 802.3x Flow Control On Uplinks
• Jumbo Frames (9216 Bytes)
• IGMP v1/v2/v3 snooping
• Storm Control
Layer 3 Features
• Routing Protocols: OSPF, OSPFv3, BGP, MP-BGP, IS-IS, and RIPv2
• 64-way Equal Cost Multi-path Routing (ECMP)
• Bi-Directional Forwarding Detection (BFD)
• Route Maps
• IGMP v2/v3
• PIM-SM / PIM-SSM / PIM-BIDIR
• Anycast RP (RFC 4610)
• VRRP
• Virtual ARP (VARP)
• GRE IP Decap
• Selective Route Download
Advanced Monitoring and Provisioning
• Zero Touch Provisioning (ZTP)
• Latency Analyzer and Microburst Detection (LANZ)
• Integrated packet capture/analysis with TCPDump
• Advanced Mirroring - Port Mirroring (4 sessions)
• Enhanced Remote Port Mirroring
• L2/3/4 Filtering on Mirror Sessions
• Advanced Event Management suite (AEM)
• CLI Scheduler
• Event Manager
• Event Monitor
• Linux tools
• FlowTracker features
• RFC 3176 sFlow
• IPFIX support
• Restore & configure from USB
• eAPI
• IEEE 1588 PTP (Transparent Clock and Boundary Clock)
Virtualization Support
• VXLAN Bridging
• VXLAN Tunnel Virtual Port Termination: 1K
• EOS CVX control plane
• EVPN type 2
Security Features
• Service ACLs
• Control Plane Protection (CPP)
• Ingress / Egress ACLs using L2, L3, L4 fields
• Ingress / Egress ACL Logging and Counters
• MAC ACLs
• 802.1X Enhancements
• Multi-Host 802.1X AUTH
• MAC-Based AUTH (MAB)
• Dynamic VLAN assignment
• Named VLAN support
• ACL Deny Logging
• ACL Counters
• Atomic ACL Hitless restart
• DHCP Relay
• MAC access list security
• TACACS+
• RADIUS
• ARP trapping and rate limiting
Quality of Service (QoS) Features
• Up to 8 queues per port
• 802.1p based classification
• DSCP based classification and remarking
• Explicit Congestion Notification (ECN)
• QoS interface trust (COS / DSCP)
• Strict priority queueing
• Weighted Round Robin (WRR) Scheduling
• ACL based DSCP Marking
• ACL based Policing
• Policing/Shaping
• Rate limiting
PoE Capabilities
• LLDP enhancements for PoE including Media Endpoint
Discovery (MED) attributes reporting
• PoE Controls
• VLAN for VoIP, QoS
• PD Pass through
• Cognitive PoE
Network Management
• CloudVision
• Configuration session commit and rollback
• RS-232 Serial Console Port
* Not currently supported in EOS
For detailed EOS feature support visit https://www.arista.com/en/support/product-documentation/supported-features



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com