công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CCF bảng dữ liệu(PDF) 6 Page - Arista Networks, Inc

tên linh kiện CCF
Giải thích chi tiết về linh kiện  Self-Service Automated Fabric with Cloud-Style VPCs ON-PREM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ARISTA [Arista Networks, Inc]
Trang chủ  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

CCF bảng dữ liệu(HTML) 6 Page - Arista Networks, Inc

Back Button CCF Datasheet HTML 2Page - Arista Networks, Inc CCF Datasheet HTML 3Page - Arista Networks, Inc CCF Datasheet HTML 4Page - Arista Networks, Inc CCF Datasheet HTML 5Page - Arista Networks, Inc CCF Datasheet HTML 6Page - Arista Networks, Inc CCF Datasheet HTML 7Page - Arista Networks, Inc CCF Datasheet HTML 8Page - Arista Networks, Inc CCF Datasheet HTML 9Page - Arista Networks, Inc CCF Datasheet HTML 10Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Feature
Description / Benefit
Enterprise VPC (E-VPC)
Converged Cloud Fabric provides VPC-style logical networking called Enterprise VPC,
delivering on-prem VPC. Cloud-style E-VPC enables multi-tenant network-as-a-service.
• E-VPC makes networking as simple as VPC/VNETs on public clouds
• Simplifies L2/L3 provisioning and hardware constructs (ports, VLANs, VRFs)
• Delegated administration with RBAC control
Zero Touch Fabric (ZTF)
ZTF enables complete control and management of physical switches within CCF without
manually interacting with the switches. It tremendously simplifies day-to-day network
operations:
• Auto-configuration and auto-upgrade of Switch Light OS
• Automatic topology updates and event notifications based on fabric link state
changes
• Auto-scaling of the fabric—adding or removing nodes and/or links within the fabric
requires no additional configuration changes on the controller
Fabric LAG
Fabric LAG combines the underlying LAG functionality in switching ASICs with the
centralized visibility of the SDN controller to create a highly resilient and efficiently
balanced fabric. Compared to spanning tree protocols or even traditional MLAG/ECMP
based approaches to multi-path fabric formation, Fabric LAG technology enables
significantly reduced convergence time on topology changes and dramatically reduced
configuration complexity.
Fabric Sync
(Controller RIB - FIB)
Fabric Sync intelligently synchronizes Controller Routing Information Base (RIB) with fabric
node’s Forwarding Information Base (FIB). During a topology change, only delta updates
are synced across impacted switches. Fabric Sync ensures strong RIB-FIB consistency, as it
is the single point of control for maintaining all forwarding and associated policy tables.
Resilient Headless Mode
In situations when both controllers are unreachable, fabric nodes are considered to be
running in Headless mode. In this mode, all provisioned services continue to function
as programmed prior to entering the Headless mode. Additionally, multiple levels of
redundancy enable a highly resilient and self-healing fabric even during headless mode.
SDN-Managed Fabric
(GUI, CLI & REST APIs)
Converged Cloud Fabric Controller provides single pane of glass for entire fabric.
• Administrators can configure, manage, debug or troubleshoot, and upgrade the fabric
nodes using CLI, GUI, or REST API.
• REST APIs, CLI and GUI have application and tenant awareness.
Single Pane of Glass fabric management enhances operational simplicity by providing
a centralized dashboard for fabric management as well as quick and easy access to
troubleshooting, analytics and telemetry information. Additionally, it provides simplified
workflow for network operators and administrators.
Datasheet
arista.com
arista.com
arista.com
arista.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com