công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

021.331 bảng dữ liệu(PDF) 1 Page - France Joint

tên linh kiện 021.331
Giải thích chi tiết về linh kiện  ROD SEALS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FRANCEJOINT [France Joint]
Trang chủ  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

021.331 bảng dữ liệu(HTML) 1 Page - France Joint

  021.331 Datasheet HTML 1Page - France Joint 021.331 Datasheet HTML 2Page - France Joint 021.331 Datasheet HTML 3Page - France Joint 021.331 Datasheet HTML 4Page - France Joint 021.331 Datasheet HTML 5Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DESCRIPTION
The BECA 021 profile is a single acting
composite rod seal composed of a
profiled rubber seal and a filled PTFE
or POM back-up ring. It meets the
standards MIL-G-5514F and AS4716.
ADVANTAGES
Excellent extrusion resistance
Good sealing effect in static applications
Wide temperature range and excellent
chemical resistance, depending
on the materials selected
Housing in line with MIL-G-
5514F and AS4716
APPLICATIONS
Actuators
Brakes systems
Flight controls
Engine systems
Landing gear
MATERIALS
Profiled seal
NBR 70 Shore A
FKM 70 Shore A
EPDM 70 Shore A
VMQ 70 Shore A
Back-up ring
Polyoxymethylene - POM
Filled PTFE
ROD SEALS
BECA 021
|
TECHNICAL DATA
Temperature
-40°C / +200°C
Pressure
35 MPa in static applications
21 MPa in dynamic applications
Speed
1 m/s
Media
Mineral hydraulic oils
Fire-resistant liquids
Biocompatible fluids
Water
Others (contact our experts)
The figures above indicate the maximum values and may not be cumulated. They may be
developed, depending on the materials used.
|
SURFACE ROUGHNESS
Roughness
Dynamic surface area
Static surface area
Groove flanks
Ra
0.05 - 0.2 µm
≤1.6 µm
≤3.2 µm
Rz
0.4 - 1.6 µm
≤6.3 µm
≤10.0 µm
Rmax
0.63 - 2.5 µm
≤10.0 µm
≤16.0 µm
|
CHAMFERS AND RADIUS
Series
Radius
Chamfer
C
R1 min - max
R2 min - max
010 - 028
0.13 - 0.26
0.13 - 0.38
2.00
110 - 149
0.13 - 0.26
0.13 - 0.38
2.50
210 - 222
0.13 - 0.26
0.13 - 0.38
3.00
223 - 247
0.13 - 0.26
0.25 - 0.64
3.50
325 - 349
0.13 - 0.26
0.51 - 0.89
4.00
425 - 460
0.13 - 0.26
0.51 - 0.89
4.50
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
AEROSPACE SEALS | ROD SEALS |
BECA 021


Số phần tương tự - 021.331

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
English Chain Co. Ltd
021 33 ENGLISHCHAIN-021 33 Datasheet
348Kb / 7P
SMALL CHAINS AND FITTINGS
021 35 ENGLISHCHAIN-021 35 Datasheet
348Kb / 7P
SMALL CHAINS AND FITTINGS
021 37 ENGLISHCHAIN-021 37 Datasheet
348Kb / 7P
SMALL CHAINS AND FITTINGS
021 53 ENGLISHCHAIN-021 53 Datasheet
348Kb / 7P
SMALL CHAINS AND FITTINGS
021 55 ENGLISHCHAIN-021 55 Datasheet
348Kb / 7P
SMALL CHAINS AND FITTINGS
More results

Mô tả tương tự - 021.331

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
Pushbutton Switches, Splashproof Boot Seals
2-1193487-7 MACOM-2-1193487-7 Datasheet
58Kb / 1P
CABLE ENTRY SEALS 2 ENTRY, NPT THREADED
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
List of Unclassifed Man...
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Ralston Instruments.
QSCM-0020-VT RALSTON-QSCM-0020-VT Datasheet
311Kb / 1P
Vent valve, stainless steel, with Viton seals
logo
Molex Electronics Ltd.
0643251366 MOLEX1-0643251366_18 Datasheet
44Kb / 1P
Single Wire Seals for CP 2.80 Terminals, Blue
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
CAMLE ENTRY SEALS STANDARD
logo
Festo Corporation.
195722 FESTO-195722 Datasheet
57Kb / 1P
Tie rod
7/21/22
logo
Molex Electronics Ltd.
0643251332 MOLEX-0643251332 Datasheet
53Kb / 2P
Single Wire Seals for CP 2.80 Terminals, Red
08/25/2022
logo
Festo Corporation.
9254 FESTO-9254 Datasheet
41Kb / 1P
rod eye
14/12/2018
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com